Electronic Components Datasheet Search
  English  ▼

X  

LT3972 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3972
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3972 Datasheet HTML 12Page - Linear Technology LT3972 Datasheet HTML 13Page - Linear Technology LT3972 Datasheet HTML 14Page - Linear Technology LT3972 Datasheet HTML 15Page - Linear Technology LT3972 Datasheet HTML 16Page - Linear Technology LT3972 Datasheet HTML 17Page - Linear Technology LT3972 Datasheet HTML 18Page - Linear Technology LT3972 Datasheet HTML 19Page - Linear Technology LT3972 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3972
16
3972f
Synchronizing the LT3972 oscillator to an external fre-
quency can be done by connecting a square wave (with
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.3V
and peaks that are above 0.8V (up to 6V).
The LT3972 will not enter Burst Mode at low output loads
while synchronized to an external clock, but instead will
skip pulses to maintain regulation.
The LT3972 may be synchronized over a 250kHz to 2MHz
range. The RT resistor should be chosen to set the LT3972
switching frequency 20% below the lowest synchronization
input. For example, if the synchronization signal will be
250kHz and higher, the RT should be chosen for 200kHz.
To assure reliable and safe operation the LT3972 will only
synchronize when the output voltage is near regulation
as indicated by the PG flag. It is therefore necessary to
choose a large enough inductor value to supply the required
output current at the frequency set by the RT resistor. See
Inductor Selection section. It is also important to note that
slope compensation is set by the RT value: When the sync
frequency is much higher than the one set by RT, the slope
compensation will be significantly reduced which may
require a larger inductor value to prevent subharmonic
oscillation.
Shorted and Reversed Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, an LT3972 buck regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT3972 is absent. This may occur in battery charging ap-
plications or in battery backup systems where a battery
or some other supply is diode OR-ed with the LT3972’s
output. If the VIN pin is allowed to float and the RUN/SS
pin is held high (either by a logic signal or because it is
tied to VIN), then the LT3972’s internal circuitry will pull
its quiescent current through its SW pin. This is fine if
your system can tolerate a few mA in this state. If you
ground the RUN/SS pin, the SW pin current will drop to
essentially zero. However, if the VIN pin is grounded while
the output is held high, then parasitic diodes inside the
LT3972 can pull large currents from the output through
the SW pin and the VIN pin. Figure 8 shows a circuit that
will run only when the input voltage is present and that
protects against a shorted or reversed input.
Figure 8. Diode D4 Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LT3972
Runs Only When the Input is Present
VIN
BOOST
GND FB
RUN/SS
VC
SW
D4
MBRS340
VIN
LT3972
3680 F08
VOUT
BACKUP
APPLICATIONS INFORMATION
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 9 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT3972’s VIN and SW pins, the catch
diode (D1) and the input capacitor (C1). The loop formed
by these components should be as small as possible. These
components, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane below these components.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and VC nodes small so that the ground
Figure 7. To Soft-Start the LT3972, Add a Resisitor
and Capacitor to the RUN/SS Pin
3680 F07
IL
1A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
RUN
15k
2ms/DIV
0.22μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com