Electronic Components Datasheet Search
  English  ▼

X  

LTC1760CFW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 16Page - Linear Technology LTC1760CFW Datasheet HTML 17Page - Linear Technology LTC1760CFW Datasheet HTML 18Page - Linear Technology LTC1760CFW Datasheet HTML 19Page - Linear Technology LTC1760CFW Datasheet HTML 20Page - Linear Technology LTC1760CFW Datasheet HTML 21Page - Linear Technology LTC1760CFW Datasheet HTML 22Page - Linear Technology LTC1760CFW Datasheet HTML 23Page - Linear Technology LTC1760CFW Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC1760
20
1760f
2.3.7 Current() ('h0a)
Description:
This function is used by the LTC1760 to read the actual
current being supplied through the battery terminals.
Purpose:
Allows the LTC1760 to determine how much current a
battery is receiving through its terminals and close the
charging current servo loop.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Output: signed integer (2’s complement) — charge/dis-
charge rate in mA increments - positive for charge, nega-
tive for discharge. Refer to "Section 2.2" for bit mapping.
Units: mA.
Range: 0 to 32,767 mA for charge or 0 to -32,768 mA for
discharge.
2.3.8 ChargingCurrent() ('h14)
Description:
This function is used by the LTC1760 to read the Smart
Battery’s desired charging current.
Purpose:
Allows the LTC1760 to determine the maximum charging
current.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Output: unsigned integer — maximum charger output
current in mA. Refer to "Section 2.2" for bit mapping.
Units: mA.
Range: 0 to 65,534 mA.
2.3.9 ChargingVoltage() ('h15)
Description:
This function is used by the LTC1760 to read the Smart
Battery’s desired charging voltage.
Purpose:
Allows the LTC1760 to determine the maximum charging
voltage.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Output: unsigned integer — charger output voltage in mV.
Refer to Section 2.2 for bit mapping.
Units: mV.
Range: 0 to 65,534 mV.
2.3.10 AlarmWarning () ('h16)
Description:
This function is used by the LTC1760 to read the Smart
Battery alarm register.
Purpose:
Allows the LTC1760 to determine the state of all applicable
alarm flags.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Output: unsigned integer – Refer to “Section 2.2” for bit
mapping.
OVER_CHARGED_ALARM Bit
The read only OVER_CHARGED_ALARM bit is used by the
LTC1760 to determine if charging may continue.
Allowed values are:
'b1: The LTC1760 will not charge this battery.
'b0: The LTC1760 may charge this battery if other
conditions permit charging.
TERMINATE_CHARGE_ALARM Bit
The read only TERMINATE_CHARGE_ALARM bit is used
by the LTC1760 to determine if charging may continue.
Allowed values are:
'b1: The LTC1760 will not charge this battery.
'b0: The LTC1760 may charge this battery if other
conditions permit charging.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com