Electronic Components Datasheet Search
  English  ▼

X  

LTC1760CFW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 4 Page - Linear Technology

  LTC1760CFW Datasheet HTML 1Page - Linear Technology LTC1760CFW Datasheet HTML 2Page - Linear Technology LTC1760CFW Datasheet HTML 3Page - Linear Technology LTC1760CFW Datasheet HTML 4Page - Linear Technology LTC1760CFW Datasheet HTML 5Page - Linear Technology LTC1760CFW Datasheet HTML 6Page - Linear Technology LTC1760CFW Datasheet HTML 7Page - Linear Technology LTC1760CFW Datasheet HTML 8Page - Linear Technology LTC1760CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC1760
4
1760f
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
VSTEP
VDAC Granularity
16
mV
VLIMIT
Charging Voltage Limit
RVLIMIT = 0 (Short VLIMIT to GND)
●
8400
8432
8464
mV
(Note 7)
RVLIMIT = 10k ±1%
● 12608
12640
12672
mV
RVLIMIT = 33k ±1%
● 16832
16864
16896
mV
RVLIMIT = 100k ±1%
● 21024
21056
21088
mV
RVLIMIT = Open (or Short VLIMIT to VCC2 )(Note 13) ●
32768
mV
Charge Mux Switches
tONC
GCH1/GCH2 Turn-On Time
VGCHX – VSCHX > 3V, CLOAD = 3000pF
5
10
ms
tOFFC
GCH1/GCH2 Turn-Off Time
VGCHX – VSCHX < 1V, from Time of
15
µs
VCSN < VBATX – 30mV, CLOAD = 3000pF
VCON
CH Gate Clamp Voltage
ILOAD = 1µA
GCH1
VGCH1 – VSCH1
5
5.8
7
V
GCH2
VGCH2 – VSCH2
5
5.8
7
V
VCOFF
CH Gate Off Voltage
ILOAD =10µA
GCH1
VGCH1 – VSCH1
–0.8
–0.4
0
V
GCH2
VGCH2 – VSCH2
–0.8
–0.4
0
V
VTOC
CH Switch Reverse Turn-Off Voltage
VBATX – VCSN, 5V ≤ VBATX ≤ 28V
●
520
40
mV
VFC
CH Switch Forward Regulation Voltage
VCSN – VBATX, 5V ≤ VBATX ≤ 28V
●
15
35
60
mV
GCH1/GCH2 Active Regulation:
VGCHX – VSCHX = 1.5V
IOC(SRC)
Max Source Current
–2
µA
IOC(SNK)
Max Sink Current
2
µA
VCHMIN
BATX Voltage Below Which
3.5
4.7
V
Charging is Inhibited (Does Not Apply
to Wake-Up Mode)
PowerPath Switches
tDLY
Blanking Period after UVLO Trip
Switches Held Off
250
ms
tPPB
Blanking Period after LOPWR Trip
Switches in 3-Diode Mode
1
sec
tONPO
GB1O/GB2O/GDCO Turn-On Time
VGS < –3V, from Time of Battery/DC
●
510
µs
Removal, or LOPWR Indication, CLOAD = 3000pF
tOFFPO
GB1O/GB2O/GDCO Turn-Off Time
VGS > –1V, from Time of Battery/DC
●
37
µs
Removal, or LOPWR Indication, CLOAD = 3000pF
VPONO
Output Gate Clamp Voltage
ILOAD = 1µA
GB1O
Highest (VBAT1 or VSCP) – VGB1O
4.75
6.25
7
V
GB2O
Highest (VBAT2 or VSCP) – VGB2O
4.75
6.25
7
V
GDCO
Highest (VDCIN or VSCP) – VGDCO
4.75
6.25
7
V
VPOFFO
Output Gate Off Voltage
ILOAD = –25µA
GB1O
Highest (VBAT1 or VSCP) – VGB1O
0.18
0.25
V
GB2O
Highest (VBAT2 or VSCP) – VGB2O
0.18
0.25
V
GDCO
Highest (VDCIN or VSCP) – VGDCO
0.18
0.25
V
VTOP
PowerPath Switch Reverse
VSCP – VBATX or VSCP – VDCIN
●
520
60
mV
Turn-Off Voltage
6V ≤ VSCP ≤ 28V
VFP
PowerPath Switch Forward
VBATX – VSCP or VDCIN – VSCP
●
025
50
mV
Regulation Voltage
6V ≤ VSCP ≤ 28V
GDCI/GB1I/GB2I Active Regulation:
(Note 3)
IOP(SRC)
Source Current
–4
µA
IOP(SNK)
Sink Current
75
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com