Electronic Components Datasheet Search
  English  ▼

X  

LTC1760CFW Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 26Page - Linear Technology LTC1760CFW Datasheet HTML 27Page - Linear Technology LTC1760CFW Datasheet HTML 28Page - Linear Technology LTC1760CFW Datasheet HTML 29Page - Linear Technology LTC1760CFW Datasheet HTML 30Page - Linear Technology LTC1760CFW Datasheet HTML 31Page - Linear Technology LTC1760CFW Datasheet HTML 32Page - Linear Technology LTC1760CFW Datasheet HTML 33Page - Linear Technology LTC1760CFW Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC1760
30
1760f
at hand. The average current control loop converts the
voltage between CSP and BAT to a representative current.
Error amp CA2 compares this current against the desired
current programmed by the IDAC at the ISET pin and adjusts
ITH for the desired voltage across RSENSE.
The voltage at BAT is divided down by an internal resistor
divider set by the VDAC and is used by error amp EA to
decrease ITH if the divider voltage is above the 0.8V
reference.
The amplifier CL1 monitors and limits the input current,
normally from the AC adapter, to a preset level (100 mV/
RCL). At input current limit, CL1 will decrease the ITH
voltage and thus reduce battery charging current.
An over-voltage comparator, OV, guards against transient
overshoots (>7.5%). In this case, the top MOSFET is
turned off until the over-voltage condition is cleared. This
feature is useful for batteries which “load dump” them-
selves by opening their protection switch to perform
functions such as calibration or pulse-mode charging.
The top MOSFET driver is powered from a floating boot-
strap capacitor C4. This capacitor is normally recharged
from VCC through an external diode when the top MOSFET
is turned off. As VIN decreases towards the selected
battery voltage, the converter will attempt to turn on the
top MOSFET continuously (“dropout’’). A dropout timer
detects this condition and forces the top MOSFET to turn
off, and the bottom MOSFET on, for about 200ns at 40µs
intervals to recharge the bootstrap capacitor.
7.1 Charge MUX Switches
The equivalent circuit of a charge MUX switch driver is
shown in Figure 5. If the charger controller is not enabled,
the charge MUX drivers will drive the gate and source of
the series connected MOSFETs to a low voltage and the
switch is off. When the charger controller is on, the charge
MUX driver will keep the MOSFETs off until the voltage at
CSN rises at least 35mV above the battery voltage. GCH1
is then driven with an error amplifier EAC until the voltage
between BAT1 and CSN satisfies the error amplifier or until
GCH1 is clamped by the internal Zener diode. The time
required to close the switch could be quite long (many ms)
due to the small currents output by the error amp and
depending upon the size of the MOSFET switch.
If the voltage at CSN decreases below VBAT1 – 20mV a
comparator CC quickly turns off the MOSFETs to prevent
reverse current from flowing in the switches. In essence,
this system performs as a low forward voltage diode.
Operation is identical for BAT2.
7.2 Dual Charging
Note that the charge MUX switch drivers will operate
together to allow both batteries to be charged simulta-
neously. If both charge MUX switch drivers are enabled,
only the battery with the lowest voltage will be charged
until its voltage rises to equal the higher voltage battery.
The charge current will then share between the batteries
according to the capacity of each battery.
When batteries are controlled charging, only batteries
with voltages above VCHMIN are allowed to charge. When
a battery is wake-up charging this restriction does not
apply.
OPERATIO
–
+
+
–
GCH1
SCH1
Q4
Q3
TO
BATTERY
1
FROM
CHARGER
BAT1
CSN
35mV
20mV
OFF
DCIN + 10V
(CHARGE PUMPED)
10k
1760 F05
EAC
CC
Figure 5. Charge MUX Switch Driver Equivalent Circuit
TGATE
BGATE
ON
ON
OFF
OFF
tOFF
TRIP POINT SET BY ITH VOLTAGE
INDUCTOR
CURRENT
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com