Electronic Components Datasheet Search
  English  ▼

X  

LTC1760CFW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 3 Page - Linear Technology

  LTC1760CFW Datasheet HTML 1Page - Linear Technology LTC1760CFW Datasheet HTML 2Page - Linear Technology LTC1760CFW Datasheet HTML 3Page - Linear Technology LTC1760CFW Datasheet HTML 4Page - Linear Technology LTC1760CFW Datasheet HTML 5Page - Linear Technology LTC1760CFW Datasheet HTML 6Page - Linear Technology LTC1760CFW Datasheet HTML 7Page - Linear Technology LTC1760CFW Datasheet HTML 8Page - Linear Technology LTC1760CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC1760
3
1760f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITOL
Current Accuracy
With Respect to Current Reported by Battery
4mV/RSENSE < Requested Current < ILIMIT (Min)
(Note 12)
RILIMIT = 0 (Short to GND)
●
–2
2
mA
RILIMIT = 10k ±1%
●
–4
4
mA
RILIMIT = 33k ±1%
●
–8
8
mA
RILIMIT = Open (or Short ILIMIT to VCC2)
●
–8
8
mA
f0SC
Regulator Switching Frequency
255
300
345
kHz
fDO
Regulator Switching Frequency in Low
Duty Cycle ≥99%
20
25
kHz
Dropout Mode
DCMAX
Regulator Maximum Duty Cycle
99
99.5
%
IMAX
Maximum Current Sense Threshold
VITH = 2.2V
140
155
190
mV
ISNS
CA1 Input Bias Current
VCSP = VCSN > 5V
150
µA
CMSL
CA1/I1 Input Common Mode Low
0
V
CMSH
CA1/I1 Input Common Mode High
VDCIN – 0.2
V
VCL1
CL1 Turn-On Threshold
95
100
105
mV
●
94
100
108
mV
TGATE Transition Time:
TG tr
TGATE Rise Time
CLOAD = 3300pF, 10% to 90%
50
90
ns
TG tf
TGATE Fall Time
CLOAD = 3300pF, 10% to 90%
50
90
ns
BGATE Transition Time:
BG tr
BGATE Rise Time
CLOAD = 3300pF, 10% to 90%
50
90
ns
BG tf
BGATE Fall Time
CLOAD = 3300pF, 10% to 90%
40
80
ns
Trip Points
VTR
DCDIV/LOPWR Threshold
VDCDIV or VLOPWR Falling
●
1.166
1.19
1.215
V
VTHYS
DCDIV/LOPWR Hysteresis Voltage
VDCDIV or VLOPWR Rising
30
mV
IBVT
DCDIV/LOPWR Input Bias Current
VDCDIV or VLOPWR = 1.19V
20
200
nA
VTSC
Short-Circuit Comparator Threshold
VSCP – VSCN, VCC ≥ 5V
●
90
100
115
mV
VFTO
Fast Power Path Turn-Off Threshold
VDCDIV Rising from VCC
6
7
7.9
V
VOVSD
Overvoltage Shutdown Threshold as a
VSET Rising from 0.8V until TGATE and BGATE
107
%
Percent of Programmed Charger Voltage
Stop Switching
DACs
IRES
IDAC Resolution
Guaranteed Monotonic
10
Bits
IDAC Pulse Period:
tIP
Normal Mode
610
15
µs
tILOW
Wake-Up Mode
50
ms
Charging Current Granularity
RILIMIT = (Short ILIMIT to GND)
1
mA
RILIMIT = 10k ±1%
2
mA
RILIMIT = 33k ±1%
4
mA
RILIMIT = Open (or Short ILIMIT to VCC2 )4
mA
IWAKE_UP
Wake-Up Charging Current (Note 5)
60
80
100
mA
ILIMIT
Charging Current Limit
RILIMIT = 0 (Short ILIMIT to GND)
●
980
1000
1070
mA
RILIMIT = 10k ±1%
●
1960
2000
2140
mA
RILIMIT = 33k ±1%
●
2490
3000
3210
mA
RILIMIT = Open (or Short ILIMIT to VCC2 )
●
3920
4000
4280
mA
VRES
VDAC Resolution
Guaranteed Monotonic (5V < VBAT < 25V)
11
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com