| Electronic Components Datasheet Search |
|
LTC1760CFW Datasheet(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1760CFW Datasheet(HTML) 22 Page - Linear Technology |
|
22 / 44 page ![]() LTC1760 22 1760f 2.5 LTC1760 SMBus Controller Operation SMBus communication with the LTC1760 is handled by the SMBus Controller, a sub-block of the SMBus Interface. Data is clocked into the SMBus Controller block shift register after the rising SCL edge. Data is clocked out of the SMBus Control block shift register after the falling edge of SCL. The LTC1760 acting as a slave will acknowledge (ACK) each byte of serial data. The Command byte will be NACKed if an invalid command code is transmitted to the LTC1760. The SMBus Controller must respond if ad- dressed as a combined Smart Battery System Manager (Address 14). A valid address includes a legal Read/Write bit. The SMBus Controller will ignore invalid data although HOST SMB* SMB1* SMB2* BAT2 BAT1 HOST, LTC1760 AND BAT1 CAN COMMUNICATE. BAT2 ORIGINATED COMMANDS ARE IGNORED. HOST SMB* SMB1* SMB2* BAT2 BAT1 LTC1760 AND BAT2 CAN COMMUNICATE. HOST AND BAT1 ORIGINATED COMMANDS ARE STRETCHED IF THE LTC1760 IS COMMUNICATING WITH BAT2. LTC1760 AND BAT1 CAN COMMUNICATE. HOST AND BAT2 ORIGINATED COMMANDS ARE STRETCHED IF THE LTC1760 IS COMMUNICATING WITH BAT1. HOST SMB* SMB1* SMB2* BAT2 BAT1 HOST, LTC1760 AND BAT2 CAN COMMUNICATE. BAT1 ORIGINATED COMMANDS ARE IGNORED. HOST SMB* SMB1* SMB2* BAT2 BAT1 (1b) (1a) (1d) (1c) 1760 F01 *SMB INCLUDES SCL AND SDA, SMB1 INCLUDES SCL1 AND SDA1, AND SMB2 INCLUDES SCL2 AND SDA2. LTC1760 SMBus CONTROLLER LTC1760 SMBus CONTROLLER LTC1760 SMBus CONTROLLER LTC1760 SMBus CONTROLLER Figure 1. Switch Configurations Used by the LTC1760 for Managing Dual Port Battery Communication the data transmission with the invalid data will still be ACK’ed. When the LTC1760, acting as a bus master receives a NACK, it will terminate the transmission and provide a STOP condition on the bus. Detection of a STOP condition, power on reset, or SMBus time-out will reset the controller to an initial state at any time. The LTC1760 supports ARA, Word Write and Word Read protocols as an SMBus slave. The LTC1760 supports Word Read protocol as an SMBus master. Refer to “System Management Bus Specification” for complete description of required operation and symbols. OPERATIO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |