Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4604A Datasheet HTML 5Page - Linear Technology LTM4604A Datasheet HTML 6Page - Linear Technology LTM4604A Datasheet HTML 7Page - Linear Technology LTM4604A Datasheet HTML 8Page - Linear Technology LTM4604A Datasheet HTML 9Page - Linear Technology LTM4604A Datasheet HTML 10Page - Linear Technology LTM4604A Datasheet HTML 11Page - Linear Technology LTM4604A Datasheet HTML 12Page - Linear Technology LTM4604A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM4604A
9
4604af
APPLICATIONS INFORMATION
A typical LTM4604A application circuit is shown in
Figure 15. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 4 for specific external capacitor
requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
The LTM4604A is 100% duty cycle, but the VIN to VOUT
minimum dropout is a function of the load current. A typi-
cal 0.5V minimum is sufficient (see Typical Performance
Characteristics).
Output Voltage Programming
The PWM controller has an internal 0.8V reference volt-
age. As shown in the Block Diagram, a 4.99k 0.5% internal
feedback resistor connects the VOUT and FB pins together.
The output voltage will default to 0.8V with no feedback
resistor. Adding a resistor RFB from the FB pin to GND
programs the output voltage:
VV
kR
R
OUT
FB
FB
=
+
0 8
499
.•
.
Table 1. FB Resistor vs Output Voltage
VOUT
0.8V
1.2V
1.5V
1.8V
2.5V
3.3V
RFB
Open
10k
5.76k
4.02k
2.37k
1.62k
Input Capacitors
The LTM4604A module should be connected to a low ac-
impedance DC source. Two 10μF ceramic capacitors are
included inside the module. Additional input capacitors
are only needed if a large load step is required up to a
full 4A level. An input 47μF bulk capacitor is only needed
if the input source impedance is compromised by long
inductive leads or traces.
For a buck converter, the switching duty cycle can be
estimated as:
D
V
V
OUT
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
CIN(RMS) =
I
OUT(MAX)
η%
•D • 1– D
()
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated electrolytic aluminum capacitor, OS-CON capacitor
for bulk input capacitance due to high inductance traces
or leads. If a low inductance plane is used to power the
device, then no input capacitance is required. The two
internal 10μF ceramics are typically rated for 2A to 3A of
RMS ripple current. The worst-case ripple current for the
4A maximum current is 2A or less.
Output Capacitors
The LTM4604A is designed for low output voltage ripple.
The bulk output capacitors defined as COUT are chosen
with low enough effective series resistance (ESR) to meet
the output voltage ripple and transient requirements. COUT
can be a low ESR tantalum capacitor, a low ESR polymer
capacitor or an X5R/X7R ceramic capacitor. The typical
output capacitance range is 22μF to 100μF. Additional
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient
spike is required. Table 4 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot during a 2A/μs transient.
The table optimizes the total equivalent ESR and total bulk
capacitance to maximize transient performance. The Linear
Technology μModule Power Design Tool can be provided
for further optimization.
Fault Conditions: Current Limit and Overcurrent
Foldback
The LTM4604A has current mode control, which inher-
ently limits the cycle-by-cycle inductor current not only
in steady-state operation, but also in transient.
To further limit current in the event of an overload condi-
tion, the LTM4604A provides foldback current limiting as
the output voltage falls. The LTM4604A device has over-
temperature shutdown protection that inhibits switching
operation around 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com