Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 1 Page - Linear Technology

  LTM4604A Datasheet HTML 1Page - Linear Technology LTM4604A Datasheet HTML 2Page - Linear Technology LTM4604A Datasheet HTML 3Page - Linear Technology LTM4604A Datasheet HTML 4Page - Linear Technology LTM4604A Datasheet HTML 5Page - Linear Technology LTM4604A Datasheet HTML 6Page - Linear Technology LTM4604A Datasheet HTML 7Page - Linear Technology LTM4604A Datasheet HTML 8Page - Linear Technology LTM4604A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM4604A
1
4604af
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Voltage, 4A DC/DC
µModule with Tracking
The LTM
®4604A is a complete 4A switch mode DC/DC
power supply with ±1.75% total output voltage error.
Included in the package are the switching controller, power
FETs, inductor and all support components. Operating over
an input voltage range of 2.375V to 5.5V, the LTM4604A
supports an output voltage range of 0.8V to 5V, set by a
single resistor. This high efficiency design delivers up to
4A continuous current (5A peak). Only bulk output capaci-
tors are needed to complete the design.
The 0.630mm LGA pads with 1.27mm pitch simplify
PCB layout by providing standard trace routing and via
placement. (The LTM4604A has smaller pads than the
LTM4604.) The low profile package (2.3mm) enables
utilization of unused space on the bottom of PC boards
for high density point of load regulation. High switching
frequency and a current mode architecture enable a very
fast transient response to line and load changes without
sacrificing stability.
Fault protection features include foldback current protec-
tion, thermal shutdown and a programmable soft-start
function. The LTM4604A is offered in a small thermally
enhanced 15mm × 9mm × 2.3mm LGA package and is
Pb free and RoHS compliant.
3.3V to 2.5V/4A μModule™ Regulator
■
Complete Standalone Power Supply
■
±1.75% Total DC Output Error (–40°C to 125°C)
■
Wide Input Voltage Range: 2.375V to 5.5V
■
4A DC, 5A Peak Output Current
■
0.8V to 5V Output
■
Output Voltage Tracking
■
UltraFastTM Transient Response
■
Power Good Indicator
■
Current Mode Control
■
Current Foldback Protection, Parallel/Current Sharing
■
Up to 95% Efficiency
■
Programmable Soft-Start
■
Micropower Shutdown: IQ ≤ 7μA
■
Overtemperature Protection
■
Small and Very Low Profile Package:
15mm × 9mm × 2.3mm LGA (0.630mm Pads)
■
Telecom and Networking Equipment
■
Servers
■
Storage Cards
■
ATCA Cards
■
Industrial Equipment
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule and UltraFast are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN
VIN
VIN
3.3V
PGOOD
COMP
LTM4604A
RUN/SS
2.37k
4604A TA01a
22μF
6.3V
×2
VOUT
2.5V
4A
10μF
6.3V
VOUT
FB
TRACK
GND
OUTPUT CURRENT (A)
0
85
90
100
3
4604A TA01b
80
75
12
4
70
65
95
VIN = 3.3V
VOUT = 2.5V
Efficiency vs Output Current


Similar Part No. - LTM4604A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4604A LINER-LTM4604A Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4604A LINER-LTM4604A Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
More results

Similar Description - LTM4604A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4604 LINER-LTM4604 Datasheet
303Kb / 20P
Low Voltage, 4A DC/DC 關ModuleTM with Tracking
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com