Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 3 Page - Linear Technology

  LTM4604A Datasheet HTML 1Page - Linear Technology LTM4604A Datasheet HTML 2Page - Linear Technology LTM4604A Datasheet HTML 3Page - Linear Technology LTM4604A Datasheet HTML 4Page - Linear Technology LTM4604A Datasheet HTML 5Page - Linear Technology LTM4604A Datasheet HTML 6Page - Linear Technology LTM4604A Datasheet HTML 7Page - Linear Technology LTM4604A Datasheet HTML 8Page - Linear Technology LTM4604A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM4604A
3
4604af
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4604AE is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are assured
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 15.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS(VIN)
Input Supply Current
VIN = 2.5V, VOUT = 1.5V, IOUT = 4A
VIN = 3.3V, VOUT = 1.5V, IOUT = 4A
VIN = 5V, VOUT = 1.5V, IOUT = 4A
2.9
2.2
1.45
A
A
A
Output Specifications
IOUT(DC)
Output Continuous Current
Range (Note 3)
VIN = 3.3V, VOUT = 1.5V
4
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 5.5V, IOUT = 0A
●
0.1
0.2
%
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, 0A to 4A (Note 3)
VIN = 3.3V
VIN = 5V
●
●
0.3
0.3
0.6
0.6
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
10
12
mVP-P
mVP-P
fS
Output Ripple Voltage
Frequency
IOUT = 4A, VIN = 5V, VOUT = 1.5V
1.25
MHz
ΔVOUT(START)
Turn-On Overshoot
VOUT = 1.5V, RUN/SS = 10nF,
IOUT = 0A
VIN = 3.3V
VIN = 5V
20
20
mV
mV
tSTART
Turn-on Time
VOUT = 1.5V, IOUT = 1A Resistive Load, TRACK = VIN
and RUN/SS = Float
VIN = 3.3V
VIN = 5V
1.5
1.0
ms
ms
ΔVOUT(LS)
Peak Deviation for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load,
COUT = 22μF ×3 Ceramic
VIN = 5V, VOUT = 1.5V
25
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load
VIN = 5V, VOUT = 1.5V
10
μs
IOUT(PK)
Output Current Limit
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
8
8
A
A
Control Section
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
●
0.793
0.788
0.8
0.8
0.807
0.808
V
V
IFB
0.2
μA
VRUN
RUN Pin On/Off Threshold
0.5
0.65
0.8
V
ITRACK
TRACK Pin Current
0.2
μA
VTRACK(OFFSET)
Offset Voltage
TRACK = 0.4V
30
mV
VTRACK(RANGE)
Tracking Input Range
0
0.8
V
RFBHI
Resistor Between VOUT and
FB Pins
4.975
4.99
5.025
kΩ
PGOOD
ΔVPGOOD
PGOOD Range
±7.5
%
RPGOOD
PGOOD Resistance
Open-Drain Pull-Down
90
150
Ω
by design, characterization and correlation with statistical process controls.
The LTM4604AI is guaranteed to meet specifications over the full internal
operating temperature range. Note that the maximum ambient temperature
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental factors.
Note 3: See output current derating curves for different VIN, VOUT and TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com