Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4604A Datasheet HTML 12Page - Linear Technology LTM4604A Datasheet HTML 13Page - Linear Technology LTM4604A Datasheet HTML 14Page - Linear Technology LTM4604A Datasheet HTML 15Page - Linear Technology LTM4604A Datasheet HTML 16Page - Linear Technology LTM4604A Datasheet HTML 17Page - Linear Technology LTM4604A Datasheet HTML 18Page - Linear Technology LTM4604A Datasheet HTML 19Page - Linear Technology LTM4604A Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM4604A
20
4604af
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0808 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LTM4600HV
10A DC/DC μModule
4.5V ≤ VIN ≤ 28V; 0.6V ≤ VOUT ≤ 5V; 15mm × 15mm × 2.8mm
LTM4601/LTM4601A 12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1/LTM4601A-1 Version
has no Remote Sensing
LTM4601AHVMP
12A Military Grade μModule
4.5V ≤ VIN ≤ 28V; 0.6V ≤ VOUT ≤ 5V; 15mm × 15mm × 2.8mm,
–55°C to 125°C
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule with PLL and Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has
no Remote Sensing, Pin Compatible with the LTM4601
LTM4605
5A Buck-Boost μModule
4.5V ≤ VIN ≤ 20V; 0.8V ≤ VOUT ≤ 16V; 15mm × 15mm × 2.8mm LGA
LTM4607
5A Buck-Boost μModule
4.5V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 24V; 15mm × 15mm × 2.8mm LGA
LTM4608A
8A Low Voltage μModule
2.4V ≤ VIN ≤ 5.5V, Parallel for Higher Output Current,
9mm × 15mm × 2.8mm LGA
LTM4616
Dual 8A DC/DC μModule
Dual 8A or Single 16A; 2.375V ≤ VIN ≤ 5.5V; 15mm × 15mm × 2.5mm LGA
LTM8020
0.2A DC/DC μModule
4V ≤ VIN ≤ 36V; 1.25V ≤ VOUT ≤ 5V; 6.25mm × 6.25mm × 2.3mm LGA
LTM8021
0.5A DC/DC μModule
3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 5V; 6.25mm × 11.25mm × 2.8mm LGA
LTM8022
1A DC/DC μModule
3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V; 11.25mm × 9mm × 2.8mm LGA
LTM8023
2A DC/DC μModule
3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V; 11.25mm × 9mm × 2.8mm LGA
RELATED PARTS
PACKAGE PHOTOGRAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com