Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 4 Page - Linear Technology

  LTM4604A Datasheet HTML 1Page - Linear Technology LTM4604A Datasheet HTML 2Page - Linear Technology LTM4604A Datasheet HTML 3Page - Linear Technology LTM4604A Datasheet HTML 4Page - Linear Technology LTM4604A Datasheet HTML 5Page - Linear Technology LTM4604A Datasheet HTML 6Page - Linear Technology LTM4604A Datasheet HTML 7Page - Linear Technology LTM4604A Datasheet HTML 8Page - Linear Technology LTM4604A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM4604A
4
4604af
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
VIN = 2.5V
Minimum Input Voltage
at 4A Load
Load Transient Response
Efficiency vs Output Current
VIN = 3.3V
Efficiency vs Output Current
VIN = 5V
OUTPUT CURRENT (A)
0
85
90
100
3
4604A G01
80
75
12
4
70
65
95
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
OUTPUT CURRENT (A)
0
85
90
100
3
4604A G02
80
75
12
4
70
65
95
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
OUTPUT CURRENT (A)
0
65
70
75
80
85
90
95
12
3
4
4604A G03
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
VIN (V)
0
0
0.5
1.5
2.0
2.5
3.5
0.5
2.5
3.5
4604A G04
1.0
3.0
2
4.5
5.5
5
1 1.5
34
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.2V
COUT = 4 × 22μF, 6.3V CERAMICS
20μs/DIV
4604A G05
Load Transient Response
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.5V
COUT = 4 × 22μF, 6.3V CERAMICS
20μs/DIV
4604A G06
Load Transient Response
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.8V
COUT = 3 × 22µF, 6.3V CERAMICS
20µs/DIV
4604A G07
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 2.5V
COUT = 3 × 22µF, 6.3V CERAMICS
20µs/DIV
4604A G08
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 3.3V
COUT = 2 × 22µF, 6.3V CERAMICS
20µs/DIV
4604A G09
Load Transient Response
Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com