Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4604A
Description  Low Voltage, 4A DC/DC 關Module with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4604A Datasheet HTML 11Page - Linear Technology LTM4604A Datasheet HTML 12Page - Linear Technology LTM4604A Datasheet HTML 13Page - Linear Technology LTM4604A Datasheet HTML 14Page - Linear Technology LTM4604A Datasheet HTML 15Page - Linear Technology LTM4604A Datasheet HTML 16Page - Linear Technology LTM4604A Datasheet HTML 17Page - Linear Technology LTM4604A Datasheet HTML 18Page - Linear Technology LTM4604A Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM4604A
15
4604af
Safety Considerations
The LTM4604A modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input current
needs to be provided to protect each unit from catastrophic
failure.
Layout Checklist/Example
The high integration of LTM4604A makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current path,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, GND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on the pads unless they are
capped.
• SW pads can be soldered to board to improve thermal
performance.
Figure 14 gives a good example of the recommended
layout.
Figure 15. Typical 2.375V to 5.5V Input, 1.5V at 4A Design
Figure 14. Recommended PCB Layout
APPLICATIONS INFORMATION
GND
GND
4604A F14
VOUT
VIN
CIN
COUT
COUT
COUT
VIN
VIN
2.375V TO 5.5V
PGOOD
COMP
LTM4604A
RUN/SS
RFB
5.69k
COUT
22μF ×3
6.3V
X5R OR X7R
VOUT
1.5V
4A
CIN
10μF
6.3V
X5R OR X7R
OPEN-DRAIN
PULL UP
CSSEXT
0.01μF
VOUT
FB
TRACK
GND
4604A F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com