Electronic Components Datasheet Search
  English  ▼

X  

LTC1960 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1960 Datasheet HTML 9Page - Linear Technology LTC1960 Datasheet HTML 10Page - Linear Technology LTC1960 Datasheet HTML 11Page - Linear Technology LTC1960 Datasheet HTML 12Page - Linear Technology LTC1960 Datasheet HTML 13Page - Linear Technology LTC1960 Datasheet HTML 14Page - Linear Technology LTC1960 Datasheet HTML 15Page - Linear Technology LTC1960 Datasheet HTML 16Page - Linear Technology LTC1960 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC1960
13
1960fa
Figure 2. SPI Read of FA = 0, LP = 0, DC = 1, PF = 0, and CH = 1
Battery Charger Controller
The LTC1960 charger controller uses a constant off-time,
current mode step-down architecture. During normal op-
eration, the top MOSFET is turned on each cycle when the
oscillator sets the SR latch and turned off when the main
current comparator ICMP resets the SR latch. While the top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current reverses, as indicated by cur-
rent comparator IREV, or the beginning of the next cycle.
The oscillator uses the equation:
tOFF = 1/fOSC • (VDCIN – VCSN)/VDCIN
to set the bottom MOSFET on time. The peak inductor
current at which ICMP resets the SR latch is controlled by
the voltage on ITH. ITH is in turn controlled by several loops,
depending upon the situation at hand. The average current
control loop converts the voltage between CSP and CSN to
a representative current. Error amp CA2 compares this
current against the desired current requested by the IDAC
at the ISET pin and adjusts ITH until the IDAC value is
satisfied. The BAT1/BAT2 MUX provides the selected
battery voltage at CHGMON, which is divided down to the
VSET pin by the VDAC resistor divider and is used by error
amp EA to decrease ITH if the VSET voltage is above the 0.8V
reference. The amplifier CL1 monitors and limits the input
current, normally from the AC adapter, to a preset level
(100mV/RCL). At input current limit, CL1 will decrease the
ITH voltage and thus reduce battery charging current.
An overvoltage comparator, 0V, guards against transient
overshoots (>7%). In this case, the top MOSFET is turned
off until the overvoltage condition is cleared. This feature
is useful for batteries which “load dump”
themselves by opening their protection switch to perform
functions such as calibration or pulse mode charging.
Charging is inhibited for battery voltages below the mini-
mum charging threshold, VCHMIN. Charging is not inhib-
ited when the low current mode of the IDAC is selected.
The top MOSFET driver is powered from a floating boot-
strap capacitor CB. This capacitor is normally recharged
from VCC through an external diode when the top MOSFET
is turned off. A 2
µF to 4.7µF capacitor across VCC to GND
is required to provide a low dynamic impedance to charge
the boost capacitor. It is also required for stability and
power-on-reset purposes.
As VIN decreases towards the selected battery voltage, the
converter will attempt to turn on the top MOSFET continu-
ously (“dropout’’). A dropout timer detects this condition
and forces the top MOSFET to turn off, and the bottom
MOSFET on, for about 200ns at 40
µs intervals to recharge
the bootstrap capacitor.
Charge MUX Switches
The equivalent circuit of a charge MUX switch driver is
shown in Figure 3. If the charger controller is not enabled,
the charge MUX drivers will drive the gate and source of
the series connected MOSFETs to a low voltage and the
switch is off. When the charger controller is on, the charge
MUX driver will keep the MOSFETs off until the voltage at
CSN rises at least 35mV above the battery voltage. GCH1
is then driven with an error amplifier EAC until the voltage
between BAT1 and CSN satisfies the error amplifier or until
GCH1 is clamped by the internal Zener diode. The time
required to close the switch could be quite long (many ms)
due to the small currents output by the error amp and
depending upon the size of the MOSFET switch.
If the voltage at CSN decreases below VBAT1 – 20mV a
comparator CC quickly turns off the MOSFETs to prevent
OPERATIO
A status read is illustrated in Figure 2.
SSB
SCK
MOSI
MISO
1960 F05
BYTE 1
BYTE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com