Electronic Components Datasheet Search
  English  ▼

X  

LTC1960 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 5 Page - Linear Technology

  LTC1960 Datasheet HTML 1Page - Linear Technology LTC1960 Datasheet HTML 2Page - Linear Technology LTC1960 Datasheet HTML 3Page - Linear Technology LTC1960 Datasheet HTML 4Page - Linear Technology LTC1960 Datasheet HTML 5Page - Linear Technology LTC1960 Datasheet HTML 6Page - Linear Technology LTC1960 Datasheet HTML 7Page - Linear Technology LTC1960 Datasheet HTML 8Page - Linear Technology LTC1960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC1960
5
1960fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tONPI
Gate B1I/B2I/DCI Turn-On Time
VGS < –3V, CLOAD = 3nF (Note 5)
300
µs
tOFFPI
Gate B1I/B2I/DCI Turn-Off Time
VGS > –1V, CLOAD = 3nF (Note 5)
10
µs
VPONI
Input Gate Clamp Voltage
ILOAD = 1µA
GB1I
Highest (VBAT1 or VSCP) – VGB1I
4.75
6.7
7.5
V
GB2I
Highest (VBAT2 or VSCP) – VGB2I
4.75
6.7
7.5
V
GDCI
Highest (VDCIN or VSCP) – VGDCI
4.75
6.7
7.5
V
VPOFFI
Input Gate Off Voltage
ILOAD = –25µA
GB1I
Highest (VBAT1 or VSCP) – VGB1I
0.18
0.25
V
GB2I
Highest (VBAT2 or VSCP) – VGB2I
0.18
0.25
V
GDCI
Highest (VDCIN or VSCP) – VGDCI
0.18
0.25
V
Logic I/O
IIH/IIL
SSB/SCK/MOSI Input High/Low Current
●
–1
1
µA
VIL
SSB/MOSI/SCK Input Low Voltage
●
0.8
V
VIH
SSB/MOSI/SCK Input High Voltage
●
2V
VOL
MISO Output Low Voltage
IOL = 1.3mA
●
0.4
V
IOFF
MISO Output Off-State Leakage Current
VMISO = 5V
●
2
µA
SPI Timing (See Timing Diagram)
TWD
Watch Dog Timer
●
1.2
2.5
4.5
sec
tSSH
SSB High Time
680
ns
tCYC
SCK Period
CLOAD = 200pF RPULLUP = 4.7k on MISO
●
2
µs
tSH
SCK High Time
680
ns
tSL
SCK Low Time
680
ns
tLD
Enable Lead Time
200
ns
tLG
Enable Lag Time
200
ns
tsu
Input Data Set-Up Time
●
100
ns
tH
Input Data Hold Time
●
100
ns
tA
Access Time (From Hi-Z to Data Active on MISO)
●
125
ns
tdis
Disable Time (Hold Time to Hi-Z State on MISO)
●
125
ns
tV
Output Data Valid
CL = 200pF, RPULLUP = 4.7k on MISO
●
580
ns
tHO
Output Data Hold
●
0ns
tIr
SCK/MOSI/SSB Rise Time
0.8V to 2V
250
ns
tIf
SCK/MOSI/SSB Fall Time
2V to 0.8V
250
ns
tOf
MISO Fall Time
2V to 0.4V, CL = 200 pF
●
400
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. Battery voltage must be adequate to drive gates of PowerPath
P-channel FET switches. This does not affect charging voltage of the
battery, which can be zero volts.
Note 3. See Test Circuit.
Note 4. DCIN, BAT1, BAT2 are held at 12V and GDCI, GB1I, GB2I are
forced to 10.5V. SCP is set at 12.0V to measure source current at GDCI,
GB1I and GB2I. SCP is set at 11.9V to measure sink current at GDCI, GB1I
and GB2I.
Note 5. Extrapolated from testing with CL = 50pF.
Note 6. VDAC offset is equal to the reference voltage, since
VOUT = VREF(16mV • VDAC(VALUE)/2047 + 1).
Note 7. The LTC1960C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet specified
performance at –40
°C and 85°C, but is not tested at these extended
temperature limits.
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range (Note 7), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com