Electronic Components Datasheet Search
  English  ▼

X  

LTC1960 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1960 Datasheet HTML 14Page - Linear Technology LTC1960 Datasheet HTML 15Page - Linear Technology LTC1960 Datasheet HTML 16Page - Linear Technology LTC1960 Datasheet HTML 17Page - Linear Technology LTC1960 Datasheet HTML 18Page - Linear Technology LTC1960 Datasheet HTML 19Page - Linear Technology LTC1960 Datasheet HTML 20Page - Linear Technology LTC1960 Datasheet HTML 21Page - Linear Technology LTC1960 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC1960
18
1960fa
Watchdog Timer
Charging will begin when either CHARGE_BAT1 or
CHARGE_BAT2 bits are set in the charger register
(address: 111). Charging will stop if the charger register is
not updated prior to the expiration of the watchdog timer.
Simply repeating the same data transmission to the charger
register at a rate higher than once per second will ensure
that charging will continue uninterrupted.
Extending System to More than 2 Batteries
The LTC1960 can be extended to manage systems with
more than 3 sources of power. Contact Linear Technology
Applications Engineering for more information.
Charging Depleted Batteries
Some batteries contain internal protection switches that
disconnect a load if the battery voltage falls below what is
considered a reasonable minimum. In this case, the charger
may not start because the voltage at the battery terminal
is less than 5V. The low current mode of the IDAC must be
used in this case to condition the battery. In low current
mode, there is no minimum voltage requirement (but dual
charging is not allowed). Usually, the battery will detect
that it is being charged and then close its protection
switch, which will allow the IDAC to switch to normal
mode. Smart batteries require that charging current not
exceed 100mA until valid charging voltage and charging
current parameters are transmitted via the SMBus. The
low current IDAC mode is ideal for this purpose.
Starting Charge with Dissimilar Batteries
in Dual Charge Mode
When charging batteries of different charger termination
voltages, the charger should be started using the following
procedure:
Step 1. Select only the lowest termination voltage battery
for charging, and set the charger to its charging param-
eters.
Step 2. When the battery current is flowing into that
battery, change to dual charging mode (without stopping
the charger) and set the appropriate charging parameters
for this dual charger condition.
APPLICATIONS INFORMATION
If this procedure is not followed, and BAT2 is significantly
higher voltage than BAT1, the charger could refuse to
charge either battery.
Charge Termination Issues
Batteries with constant-current charging and voltage-
based charger termination might experience problems
with reductions of charger current caused by adapter
limiting. It is recommended that input limiting feature be
defeated in such cases. Consult the battery manufacturer
for information on how your battery terminates charging.
Setting Output Current Limit
The full scale output current setting of the IDAC will
produce VMAX = 102.3mV between CSP and CSN. To set
the full scale current of the DAC simply divide VMAX by
RSNS.
This is expressed by the following equation:
RSNS = 0.1023/IMAX
Table 1. Recommended RSNS Resistor Values
IMAX (A)
RSNS (Ω) 1%
RSNS (W)
1.023
0.100
0.25
2.046
0.050
0.25
4.092
0.025
0.5
8.184
0.012
1
Use resistors with low ESL.
Inductor Selection
Higher operating frequencies allow the use of smaller
inductor and capacitor values. A higher frequency gener-
ally results in lower efficiency because of MOSFET gate
charge losses. In addition, the effect of inductor value on
ripple current and low current operation must also be
considered. The inductor ripple current
∆IL decreases
with higher frequency and increases with higher VIN.
∆I
fL
V
V
V
L
OUT
OUT
IN
= ()( )
−
⎛
⎝⎜
⎞
⎠⎟
1
1
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com