Electronic Components Datasheet Search
  English  ▼

X  

LTC1960 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 4 Page - Linear Technology

  LTC1960 Datasheet HTML 1Page - Linear Technology LTC1960 Datasheet HTML 2Page - Linear Technology LTC1960 Datasheet HTML 3Page - Linear Technology LTC1960 Datasheet HTML 4Page - Linear Technology LTC1960 Datasheet HTML 5Page - Linear Technology LTC1960 Datasheet HTML 6Page - Linear Technology LTC1960 Datasheet HTML 7Page - Linear Technology LTC1960 Datasheet HTML 8Page - Linear Technology LTC1960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1960
4
1960fa
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range (Note 7), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DACs
VRES
VDAC Resolution
Guaranteed Monotonic (5V < VBAT < 25V)
11
bits
VSTEP
VDAC Granularity
16
mV
VOFF
VDAC Offset
(Note 6)
0.8
V
tVP
VDAC Pulse Period
7
11
16.5
µs
Charge Mux Switches
tONC
GCH1/GCH2 Tur-On Time
VGCHX – VSCHX > 3V, VSCHX = TBD, CLOAD = 3nF
5
10
ms
tOFFC
GCH1/GCH2 Turn-Off Time
VGCHX – VSCHX < 1V, from Time of
3
7
µs
VCSN < VBATX – 30mV, VSCHX = TBD, CLOAD = 3nF
VCON
CH Gate Clamp Voltage
ILOAD = 1µA
GCH1
VGCH1 – VSCH1
5
5.8
7
V
GCH2
VGCH2 – VSCH2
5
5.8
7
V
VCOFF
CH Gate Off Voltage
ILOAD =10µA
GCH1
VGCH1 – VSCH1
–0.8
–0.4
0
V
GCH2
VGCH2 – VSCH2
–0.8
–0.4
0
V
VTOC
CH Switch Reverse Turn-Off Voltage
VCSN – VBATX, 5V ≤ VBATX ≤ 28V
●
520
40
mV
VFC
CH Switch Forward Regulation Voltage VBATX – VCSN, 5V ≤ VBATX ≤ 28V
●
15
35
60
mV
GCH1/GCH2 Active Regulation:
VGCHX – VSCHX = 1.5V
IOC(SRC)
Max Source Current
–2
µA
IOC(SNK)
Max Sink Current
2
µA
VCHMIN
BATX Voltage Below Which
3.5
4.7
V
Charging is Inhibited (Does Not Apply
to Low Current Mode)
PowerPath Switches
tDLY
Blanking Period after UVLO Trip
Switches Held Off
250
ms
tPPB
Blanking Period after LOPWR Trip
Switches in 3-Diode Mode
1
sec
tONPO
GB1O/GB2O/GDCO Turn-On Time
VGS < –3V, from Time of Battery/DC
●
510
µs
Removal, or LOPWR Indication
tOFFPO
GB1O/GB2O/GDCO Turn-Off Time
VGS > –1V, from Time of Battery/DC
●
37
µs
Removal, or LOPWR Indication
VPONO
Output Gate Clamp Voltage
ILOAD = 1µA
GB1O
Highest (VBAT1 or VSCP) – VGB1O
4.75
6.25
7
V
GB2O
Highest (VBAT2 or VSCP) – VGB2O
4.75
6.25
7
V
GDCO
Highest (VDCIN or VSCP) – VGDCO
4.75
6.25
7
V
VPOFFO
Output Gate Off Voltage
ILOAD = –25µA
GB1O
Highest (VBAT1 or VSCP) – VGB1O
0.18
0.25
V
GB2O
Highest (VBAT2 or VSCP) – VGB2O
0.18
0.25
V
GDCO
Highest (VDCIN or VSCP) – VGDCO
0.18
0.25
V
VTOP
PowerPath Switch Reverse
VSCP – VBATX or VSCP – VDCIN
●
520
60
mV
Turn-Off Voltage
6V
≤ VSCP ≤ 28V
VFP
PowerPath Switch Forward
VBATX – VSCP or VDCIN – VSCP
●
025
50
mV
Regulation Voltage
6V
≤ VSCP ≤ 28V
GDCI/GB1I/GB2I Active Regulation
(Note 4)
IOP(SRC)
Source Current
–4
µA
IOP(SNK)
Sink Current
75
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com