Electronic Components Datasheet Search
  English  ▼

X  

LTC1960 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1960 Datasheet HTML 10Page - Linear Technology LTC1960 Datasheet HTML 11Page - Linear Technology LTC1960 Datasheet HTML 12Page - Linear Technology LTC1960 Datasheet HTML 13Page - Linear Technology LTC1960 Datasheet HTML 14Page - Linear Technology LTC1960 Datasheet HTML 15Page - Linear Technology LTC1960 Datasheet HTML 16Page - Linear Technology LTC1960 Datasheet HTML 17Page - Linear Technology LTC1960 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC1960
14
1960fa
Figure 4. PowerPath Driver Equivalent Circuit
Dual Charging
Note that the charge MUX switch drivers will operate
together to allow both batteries to be charged simulta-
neously. If both charge MUX switch drivers are enabled,
only the battery with the lowest voltage will be charged
until its voltage rises to equal the higher voltage battery.
The charge current will then share between the batteries
according to the capacity of each battery.
If both batteries are selected for charging, only batteries
with voltages above VCHMIN are allowed to charge. Dual
charging is not allowed when the low current mode of the
IDAC is selected. If dual charging is enabled when the IDAC
enters low current mode, then only BAT1 will be charged.
Charger Start-Up
When the charger controller is enabled by the SPI Inter-
face block, the charger output CSN will ramp from 0V until
it exceeds the selected battery voltage. The clamp error
amp is used to prevent the charger output from exceeding
the selected battery voltage by more than 0.7V during the
start-up transient while the charge MUX switches, have
yet to close. Once the charge MUX switches have closed,
the clamp releases ITH to allow control by another loop.
PowerPath Controller
The PowerPath switches are turned on and off via the SPI
interface, in any combination. The external P-MOSFETs
are usually connected as an input switch and an output
switch. The output switch PFET is connected in series with
the input PFET and the positive side of the short-circuit
sensing resistor, RSC. The input switch is connected in
series between the power source and the output PFET. The
PowerPath switch driver equivalent circuit is shown in
Figure 4. The output PFET is driven high and low by the
output side driver controlling pin GXXO, the PFET is either
on or off. The gate of the input PFET is driven by an error
amplifier which monitors the voltage between the input
power source (BAT1 in this case) and SCP. If the switch is
turned off, the two outputs are driven to the higher of the
two voltages present across the input/output terminals of
the switch. When the switch is instructed to turn on, the
output side driver immediately drives the gate of the
output PFET approximately 6V below the highest of the
voltages present at the input/output. When the output
PFET turns on, the voltage at SCP will be pulled up to a
diode drop below the source voltage by the bulk diode of
the input PFET. If the source voltage is more than 25mV
above SCP, EAP will drive the gate of the input PFET low
until the input PFET turns on and reduces the voltage
across the input/output to the EAP set point, or until the
Zener clamp engages to limit the voltage applied to the
input PFET. If the source voltage drops more than 20mV
below SCP, then comparator CP turns on SWP to quickly
prevent large reverse current in the switch. This operation
mimics a diode with a low forward voltage drop.
Figure 3. Charge MUX Switch Driver Equivalent Circuit
OPERATIO
–
+
+
–
GCH1
SCH1
Q4
Q3
TO
BATTERY
1
FROM
CHARGER
BAT1
CSN
35mV
20mV
OFF
DCIN + 10V
(CHARGE PUMPED)
10k
1960 F03
EAC
CC
–
+
+
–
GB1I
GB1O
Q8
Q7
FROM
BATTERY
1
BAT1
SCP
25mV
20mV
OFF
OFF
1960 F04
EAP
CP
SWP
TO
LOAD
CL
RSC
reverse current from flowing in the switches. In essence,
this system performs as a low forward voltage diode.
Operation is identical for BAT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com