Electronic Components Datasheet Search
  English  ▼

X  

LTC2272 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2272 Datasheet HTML 4Page - Linear Technology LTC2272 Datasheet HTML 5Page - Linear Technology LTC2272 Datasheet HTML 6Page - Linear Technology LTC2272 Datasheet HTML 7Page - Linear Technology LTC2272 Datasheet HTML 8Page - Linear Technology LTC2272 Datasheet HTML 9Page - Linear Technology LTC2272 Datasheet HTML 10Page - Linear Technology LTC2272 Datasheet HTML 11Page - Linear Technology LTC2272 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC2273/LTC2272
8
22732f
LTC2273: Differential Non-
Linearity (DNL) vs Output Code
LTC2273: AC Grounded Input
Histogram
LTC2273: 128k Point FFT,
fIN = 5.1MHz, –1dBFS, PGA = 0
LTC2273: 64k Point FFT,
fIN = 14.8MHz, –1dBFS, PGA = 0
LTC2273: 64k Point FFT,
fIN = 14.8MHz, –10dBFS, PGA = 0
LTC2273: SFDR vs Input Level,
fIN = 15MHz, PGA = 0,
Dither “On”
LTC2273: 64k Point 2-Tone FFT,
fIN = 14.01MHz and 15.81MHz,
–7dBFS, PGA = 0
LTC2273: Integral Non-Linearity
(INL) vs Output Code
LTC2273: SFDR vs Input Level,
fIN = 15MHz, PGA = 0,
Dither “Off”
OUTPUT CODE
0
16384
32768
49152
22732
G01
65536
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
OUTPUT CODE
0
16384
32768
49152
22732
G02
65536
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CODE
32769
32779
32789
22732
G03
32799
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
FREQUENCY (MHz)
0
10
20
30
40
22732
G04
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G05
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G06
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22732
G09
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
22732
G07
30
40
50
60
70
80
90
100
110
120
130
140
VDD = 3.3V, OVDD = 1.5V, TA = 25°C, FS = 80Msps,
unless otherwise noted.
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
22732
G08
30
40
50
60
70
80
90
100
110
120
130
140
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com