Electronic Components Datasheet Search
  English  ▼

X  

LTC2272 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2272 Datasheet HTML 19Page - Linear Technology LTC2272 Datasheet HTML 20Page - Linear Technology LTC2272 Datasheet HTML 21Page - Linear Technology LTC2272 Datasheet HTML 22Page - Linear Technology LTC2272 Datasheet HTML 23Page - Linear Technology LTC2272 Datasheet HTML 24Page - Linear Technology LTC2272 Datasheet HTML 25Page - Linear Technology LTC2272 Datasheet HTML 26Page - Linear Technology LTC2272 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LTC2273/LTC2272
23
22732f
APPLICATIONS INFORMATION
INPUT DRIVE CIRCUITS
Input Filtering
A first order RC lowpass filter at the input of the ADC
can serve two functions: limit the noise from input cir-
cuitry and provide isolation from ADC S/H switching. The
LTC2273/LTC2272 have very broadband S/H circuits, DC
to 700MHz; it can be used in a wide range of applications;
therefore, it is not possible to provide a single recom-
mended RC filter.
Figures 3, 4a and 4b show three examples of input RC
filtering at three ranges of input frequencies. In general,
it is desirable to make the capacitors as large as can be
tolerated—this will help suppress random noise as well
as noise coupled from the digital circuitry. The LTC2273/
LTC2272 do not require any input filter to achieve data sheet
specifications; however, no filtering will put more stringent
noise requirements on the input drive circuitry.
Transformer Coupled Circuits
Figure 3 shows the LTC2273/LTC2272 being driven by
an RF transformer with a center-tapped secondary. The
secondary center tap is DC biased with VCM, setting the
ADC input signal at its optimum DC level. Figure 3 shows
a 1:1 turns ratio transformer. Other turns ratios can be
used; however, as the turns ratio increases so does the
impedance seen by the ADC. Source impedance greater
than 50
Ω can reduce the input bandwidth and increase
high frequency distortion. A disadvantage of using a
transformer is the loss of low frequency response. Most
small RF transformers have poor performance at frequen-
cies below 1MHz.
Center-tapped transformers provide a convenient means
of DC biasing the secondary; however, they often show
poor balance at high input frequencies, resulting in large
2nd order harmonics.
Figure 4a shows transformer coupling using a transmis-
sion line balun transformer. This type of transformer has
much better high frequency response and balance than
flux coupled center tap transformers. Coupling capacitors
are added at the ground and input primary terminals to
allow the secondary terminals to be biased at 1.25V. Figure
4b shows the same circuit with components suitable for
higher input frequencies.
0.1μF
AIN
+
AIN
–
4.7pF
2.2μF
4.7pF
4.7pF
VCM
LTC2273/
LTC2272
ANALOG
INPUT
0.1μF
0.1μF
T1
1:1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2μF
22732 F04a
5Ω
10Ω
25Ω
25Ω
10Ω
5Ω
Figure 4a. Using a Transmission Line Balun Transformer.
Recommended for Input Frequencies from 100MHz to 250MHz
0.1μF
AIN
+
AIN
–
2.2μF
2.2pF
2.2pF
VCM
LTC2273/
LTC2272
ANALOG
INPUT
0.1μF
0.1μF
T1
1:1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2μF
22732 F04b
5Ω
25Ω
25Ω
5Ω
Figure 4b. Using a Transmission Line Balun Transformer.
Recommended for Input Frequencies from 250MHz to 500MHz
Figure 3. Single-Ended to Differential Conversion
Using a Transformer. Recommended for Input
Frequencies from 5MHz to 150MHz
35Ω
50Ω
35Ω
10Ω
10Ω
5Ω
5Ω
0.1μF
AIN
+
AIN
–
8.2pF
2.2μF
8.2pF
8.2pF
VCM
LTC2273/
LTC2272
T1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2μF
22732 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com