Electronic Components Datasheet Search
  English  ▼

X  

LTC2272 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 1 Page - Linear Technology

  LTC2272 Datasheet HTML 1Page - Linear Technology LTC2272 Datasheet HTML 2Page - Linear Technology LTC2272 Datasheet HTML 3Page - Linear Technology LTC2272 Datasheet HTML 4Page - Linear Technology LTC2272 Datasheet HTML 5Page - Linear Technology LTC2272 Datasheet HTML 6Page - Linear Technology LTC2272 Datasheet HTML 7Page - Linear Technology LTC2272 Datasheet HTML 8Page - Linear Technology LTC2272 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC2273/LTC2272
1
22732f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16-Bit, 80Msps/65Msps
Serial Output ADC
The LTC®2273/LTC2272 are 80Msps/65Msps, 16-bit A/D
converters with a high speed serial interface. They are
designed for digitizing high frequency, wide dynamic
range signals with an input bandwidth of 700MHz. The
input range of the ADC can be optimized using the PGA
front end. The output data is serialized according to the
JEDEC serial interface for data converters specification
(JESD204).
The LTC2273/LTC2272 are perfect for demanding applica-
tions where it is desirable to isolate the sensitive analog
circuits from the noisy digital logic. The AC performance
includes a 77.7dB Noise Floor and 100dB spurious free
dynamic range (SFDR). Ultra low internal jitter of 80fs
RMS allows undersampling of high input frequencies
with excellent noise performance. Maximum DC specs
include ±4.5LSB INL and ±1LSB DNL (no missing codes)
over temperature.
The encode clock inputs, ENC+ and ENC–, may be driven
differentially or single-ended with a sine wave, PECL,
LVDS, TTL or CMOS inputs. A clock duty cycle stabilizer
allows high performance at full speed with a wide range
of clock duty cycles.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
n High Speed Serial Interface (JESD204)
n Sample Rate: 80Msps/65Msps
n 77.7dBFS Noise Floor
n 100dB SFDR
n SFDR >90dB at 140MHz (1.5VP-P Input Range)
n PGA Front End (2.25VP-P or 1.5VP-P Input Range)
n 700MHz Full Power Bandwidth S/H
n Optional Internal Dither
n Single 3.3V Supply
n Power Dissipation: 1100mW/990mW
n Clock Duty Cycle Stabilizer
n Pin Compatible Family
105Msps: LTC2274
80Msps: LTC2273
65Msps: LTC2272
n 40-Pin 6mm
× 6mm QFN Package
n Telecommunications
n Receivers
n Cellular Base Stations
n Spectrum Analysis
n Imaging Systems
n ATE
–
+
S/H
AMP
CORRECTION
LOGIC
8B/10B
ENCODER
16-BIT
PIPELINED
ADC CORE
INTERNAL ADC
REFERENCE
GENERATOR
1.25V
COMMON MODE
BIAS VOLTAGE
CLOCK/DUTY
CYCLE
CONTROL
SCRAMBLER/
PATTERN
GENERATOR
PLL
20X
ENC+
ENC–
VCM
ANALOG
INPUT
22732 TA01
SYNC+
SYNC
–
OVDD
3.3V
1.2V TO 3.3V
3.3V
FAM
ASIC OR FPGA
SENSE
CLOCK
2.2μF
PAT1 PAT0
SRR1
SRR0
SCRAM
SHDN
MSBINV
DITH
PGA
0.1μF
0.1μF
0.1μF
VDD
GND
AIN
+
AIN
–
CMLOUT+
CMLOUT–
16
20
–
+
SERIALIZER
SERIAL
RECEIVER
50Ω
50Ω
128k Point FFT, fIN = 4.93MHz,
–1dBFS, PGA = 0
FREQUENCY (MHz)
0
10
20
30
40
22732
G04
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0


Similar Part No. - LTC2272

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
More results

Similar Description - LTC2272

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
16-Bit, 105Msps Serial Output ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
16-Bit, 105Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com