Electronic Components Datasheet Search
  English  ▼

X  

LTC2272 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2272 Datasheet HTML 12Page - Linear Technology LTC2272 Datasheet HTML 13Page - Linear Technology LTC2272 Datasheet HTML 14Page - Linear Technology LTC2272 Datasheet HTML 15Page - Linear Technology LTC2272 Datasheet HTML 16Page - Linear Technology LTC2272 Datasheet HTML 17Page - Linear Technology LTC2272 Datasheet HTML 18Page - Linear Technology LTC2272 Datasheet HTML 19Page - Linear Technology LTC2272 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LTC2273/LTC2272
16
22732f
FAM (Pin 31): Frame Alignment Monitor Enable. A high
level enables the substitution of predetermined data at the
end of the frame with a K28.7 symbol for frame alignment
monitoring.
PAT0 (Pin 32): Pattern Select Bit0. Use with PAT1 to select
a test pattern for the serial interface.
PAT1 (Pin 33): Pattern Select Bit1. Use with PAT0 to select
a test pattern for the serial interface.
SCRAM (Pin 34): Enable Data Scrambling. A high level on
this pin will apply the polynomial 1 + x14 + x15 in scram-
bling each ADC data sample. The scrambling takes place
before the 8B/10B encoding.
PGA (Pin 35): Programmable Gain Amplifier Control
Pin. Low selects a front-end gain of 1, input range of
2.25VP-P. High selects a front-end gain of 1.5, input range
of 1.5VP-P.
MSBINV (Pin 36): Invert the MSB. A high level will invert
the MSB to enable the 2’s compliment format.
SENSE (Pin 38): Reference Mode Select and External
Reference Input. Tie SENSE to VDD to select the internal
2.5V bandgap reference. An external reference of 2.5V or
1.25V may be used; both reference values will set a full
scale ADC range of 2.25V (PGA = 0).
VCM (Pin 39): 1.25V Output. Optimum voltage for input
common mode. Must be bypassed to ground with a
minimum of 2.2μF. Ceramic chip capacitors are recom-
mended.
GND (Exposed Pad) (Pin 41): ADC Power Ground. The
Exposed Pad on the bottom of the package needs to be
soldered to ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com