Electronic Components Datasheet Search
  English  ▼

X  

LTC2272 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 5 Page - Linear Technology

  LTC2272 Datasheet HTML 1Page - Linear Technology LTC2272 Datasheet HTML 2Page - Linear Technology LTC2272 Datasheet HTML 3Page - Linear Technology LTC2272 Datasheet HTML 4Page - Linear Technology LTC2272 Datasheet HTML 5Page - Linear Technology LTC2272 Datasheet HTML 6Page - Linear Technology LTC2272 Datasheet HTML 7Page - Linear Technology LTC2272 Datasheet HTML 8Page - Linear Technology LTC2272 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC2273/LTC2272
5
22732f
The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
COMMON MODE BIAS CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.15
1.25
1.35
V
VCM Output Tempco
IOUT = 0
l
40
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
l
1mV/V
VCM Output Resistance
–1mA ≤ | IOUT | ≤ 1mA
l
2Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Encode Inputs (ENC+, ENC–)
VID
Differential Input Voltage
(Note 7)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 7)
1.4
1.6
3.0
V
RIN
Input Resistance
(See Figure 2)
6
k
Ω
CIN
Input Capacitance
3pF
SYNC Inputs (SYNC+, SYNC–)
VSID
SYNC Differential Input
Voltage
(Note 7)
l
0.2
V
VSICM
SYNC Common Mode Input
Voltage
Internally Set
Externally Set (Note 7)
1.1
1.6
2.2
V
RSIN
SYNC Input Resistance
16.5
k
Ω
CSIN
SYNC Input Capacitance
3pF
Logic Inputs (DITH, PGA, MSBINV, SCRAM, FAM, SHDN, SRR1, SRR0, ISMODE, PAT1, PAT0)
VIH
High Level Input Voltage
VDD = 3.3V
l
2V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
±10
μA
CIN
Input Capacitance
1.5
pF
High-Speed Serial Outputs (CMLOUT+, CMLOUT–)
VOH
Output High Level
Directly-Coupled 50Ω to OVDD
Directly-Coupled 100Ω Differential
AC-Coupled
OVDD
OVDD – 0.2
OVDD – 0.2
V
V
V
VOL
Output Low Level
Directly-Coupled 50Ω to OVDD
Directly-Coupled 100Ω Differential
AC-Coupled
OVDD – 0.4
OVDD – 0.6
OVDD – 0.6
V
V
V
VOCM
Output Common Mode
Voltage
Directly-Coupled 50Ω to OVDD
Directly-Coupled 100Ω Differential
AC-Coupled
OVDD – 0.2
OVDD – 0.4
OVDD – 0.4
V
V
V
ROUT
Output Resistance
Single-Ended Differential
l
35
50
100
65
Ω
Ω
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com