Electronic Components Datasheet Search
  English  ▼

X  

LTC2485CDD Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 10Page - Linear Technology LTC2485CDD Datasheet HTML 11Page - Linear Technology LTC2485CDD Datasheet HTML 12Page - Linear Technology LTC2485CDD Datasheet HTML 13Page - Linear Technology LTC2485CDD Datasheet HTML 14Page - Linear Technology LTC2485CDD Datasheet HTML 15Page - Linear Technology LTC2485CDD Datasheet HTML 16Page - Linear Technology LTC2485CDD Datasheet HTML 17Page - Linear Technology LTC2485CDD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
LTC2485
2485fa
Accessing the Special Features of the LTC2485
The LTC2485 combines a high resolution, low noise
∆Σ
analog-to-digital converter with an on-chip selectable tem-
perature sensor, programmable digital filter and output
rate control. These special features are selected through
a single 8-bit serial input word during the data input/out-
put cycle (see Figure 3).
The LTC2485 powers up in a default mode commonly
used for most measurements. The device will remain in
this mode until a valid write cycle is performed. In this
default mode, the measured input is external, the digital
filter simultaneously rejects 50Hz and 60Hz line frequency
noise, and the speed mode is 1x (offset automatically,
continuously calibrated).
The I2C serial interface grants access to any or all special
functions contained within the LTC2485. In order to
change the mode of operation, a valid write address
followed by 8 bits of data are shifted into the device (see
Table 1). The first 4 bits are reserved and should be low.
The 5th bit (IM) is used to select the internal temperature
sensor as the conversion input, while the 6th and 7th bits
(FA, FB) combine to determine the line frequency rejec-
tion mode. The 8th bit (SPD) is used to double the output
rate by disabling the offset auto calibration.
Temperature Sensor (IM)
The LTC2485 includes an on-chip temperature sensor. The
temperature sensor is selected by setting IM = 1 in the serial
input data stream. Conversions are performed directly on
the temperature sensor by the converter. While operating
in this mode, the device behaves as a temperature to bits
converter. The digital reading is proportional to the abso-
lute temperature of the device. This feature allows the
converter to linearize temperature sensors or continuously
remove temperature effects from external sensors. Several
applications leveraging this feature are presented in more
detail in the applications section. While operating in this
mode, the speed is set to normal independent of the con-
trol bit (SPD).
Table 1. Selecting Special Modes
IM
FA
FB SPD
COMMENTS
0
0
0
0
External Input, 50Hz and 60Hz Rejection,
Autocalibration
0
010
External Input, 50Hz Rejection,
Autocalibration
0
100
External Input, 60Hz Rejection,
Autocalibration
0
0
0
1
External Input, 50Hz and 60Hz Rejection,
2x Speed
0
0
1
1
External Input, 50Hz Rejection, 2x Speed
0
1
0
1
External Input, 60Hz Rejection, 2x Speed
1
0
0
0
Temperature Input, 50Hz and 60Hz Rejection,
Autocalibration
1
0
1
X
Temperature Input, 50Hz Rejection,
Autocalibration
1
1
0
X
Temperature Input, 60Hz Rejection,
Autocalibration
X
1
1
X
Reserved, Do Not Use
Figure 3. Timing Diagram for Writing to the LTC2485
SLEEP
DATA INPUT
ACK BY
LTC2485
START BY
MASTER
ACK BY
LTC2485
FA
FB
SPD
IM
W
2
…
7
8
9
1
2
3
4
5
6
7
8
9
1
7-BIT ADDRESS
2485 F03
SDA
SCL
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com