Electronic Components Datasheet Search
  English  ▼

X  

LTC2485CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 16Page - Linear Technology LTC2485CDD Datasheet HTML 17Page - Linear Technology LTC2485CDD Datasheet HTML 18Page - Linear Technology LTC2485CDD Datasheet HTML 19Page - Linear Technology LTC2485CDD Datasheet HTML 20Page - Linear Technology LTC2485CDD Datasheet HTML 21Page - Linear Technology LTC2485CDD Datasheet HTML 22Page - Linear Technology LTC2485CDD Datasheet HTML 23Page - Linear Technology LTC2485CDD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
LTC2485
2485fa
Ease of Use
The LTC2485 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog voltages is easy.
The LTC2485 performs offset and full-scale calibrations
every conversion cycle. This calibration is transparent to the
user and has no effect on the cyclic operation described
above. The advantage of continuous calibration is extreme
stability of offset and full-scale readings with respect to
time, supply voltage change and temperature drift.
Power-Up Sequence
The LTC2485 automatically enters an internal reset state
when the power supply voltage VCC drops below approxi-
mately 2V. This feature guarantees the integrity of the
conversion result.
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a duration of approximately 4ms. The POR
signal clears all internal registers. Following the POR
signal, the LTC2485 starts a normal conversion cycle and
follows the succession of states described in Figure 1. The
first conversion result following POR is accurate within the
specifications of the device if the power supply voltage is
restored within the operating range (2.7V to 5.5V) before
the end of the POR time interval.
On-Chip Temperature Sensor
The LTC2485 contains an on-chip PTAT (proportional to
absolute temperature) signal that can be used as a tempera-
ture sensor. The internal PTAT has a typical value of 420mV
at 27
°C and is proportional to the absolute temperature
value with a temperature coefficient of 420/(27 + 273) =
1.40mV/
°C (SLOPE), as shown in Figure 11. The internal
PTAT signal is used in a single-ended mode referenced to
device ground internally. The 1x speed mode with auto-
matic offset calibration is automatically selected for the in-
ternal PTAT signal measurement as well.
When using the internal temperature sensor, if the output
code is normalized to RSDA = VPTAT/VREF, the temperature
is calculated using the following formula:
T
RV
SLOPE
T
RV
SLOPE
K
SDA
REF
C
SDA
REF
=
=°
•
•
–
in Kelvin
and
in C
273
where SLOPE is nominally 1.4mV/
°C.
Since the PTAT signal can have an initial value variation
which results in errors in SLOPE, to achieve absolute
temperature measurements, a one-time calibration is
needed to adjust the SLOPE value. The converter output of
the PTAT signal, R0SDA, is measured at a known tempera-
ture T0 (in
°C) and the SLOPE is calculated as:
SLOPE
RV
T
SDA
REF
=
+
0
0
273
•
This calibrated SLOPE can be used to calculate the
temperature.
If the same VREF source is used during calibration and
temperature measurement, the actual value of the VREF is
not needed to measure the temperature as shown in the
calculation below:
T
RV
SLOPE
R
R
T
C
SDA
REF
SDA
SDA
=
=+
()
•
–
•–
273
0
0
273
273
Figure 11. Internal PTAT Signal vs Temperature
TEMPERATURE (
°C)
–60
500
600
120
2485 F11
400
200
30
090
–30
60
300
VCC = 5V
IM = 1
SLOPE = 1.40mV/
°C
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com