Electronic Components Datasheet Search
  English  ▼

X  

LTC2485CDD Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 25Page - Linear Technology LTC2485CDD Datasheet HTML 26Page - Linear Technology LTC2485CDD Datasheet HTML 27Page - Linear Technology LTC2485CDD Datasheet HTML 28Page - Linear Technology LTC2485CDD Datasheet HTML 29Page - Linear Technology LTC2485CDD Datasheet HTML 30Page - Linear Technology LTC2485CDD Datasheet HTML 31Page - Linear Technology LTC2485CDD Datasheet HTML 32Page - Linear Technology LTC2485CDD Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
LTC2485
2485fa
Figure 29. Input Signal Using the Internal Oscillator
Figure 30. Input Refered Noise Equivalent Bandwidth
of an Input Connected White Noise Source
Figure 31. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch Mode
Figure 33. Input Normal Mode Rejection at DC
Figure 32. Input Normal Mode Rejection at DC
Figure 34. Input Normal Mode Rejection at fs = 256fN
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
–3
–2
–1
0
4
2485 F29
–4
–5
–6
1
2
3
5
50Hz MODE
60Hz MODE
50Hz AND
60Hz MODE
INPUT NOISE SOURCE SINGLE POLE
EQUIVALENT BANDWIDTH (Hz)
1
10
0.1
1
10
100
1k
10k
100k
1M
2485 F30
0.1
100
50Hz MODE
60Hz MODE
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2485 F31
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2485 F32
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
INPUT SIGNAL FREQUENCY (Hz)
2485 F33
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2485 F34
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com