Electronic Components Datasheet Search
  English  ▼

X  

LTC2485CDD Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 23Page - Linear Technology LTC2485CDD Datasheet HTML 24Page - Linear Technology LTC2485CDD Datasheet HTML 25Page - Linear Technology LTC2485CDD Datasheet HTML 26Page - Linear Technology LTC2485CDD Datasheet HTML 27Page - Linear Technology LTC2485CDD Datasheet HTML 28Page - Linear Technology LTC2485CDD Datasheet HTML 29Page - Linear Technology LTC2485CDD Datasheet HTML 30Page - Linear Technology LTC2485CDD Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
LTC2485
2485fa
Figure 26. Offset Error vs Output
Data Rate and Reference Voltage
Figure 28. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Reference Voltage
Figure 25. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 27. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Reference Voltage
Figure 23. –FS Error vs Output Data Rate and Temperature
Figure 24. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
OUTPUT DATA RATE (READINGS/SEC)
0
–3500
–3000
–2000
–1500
–1000
0
10
50
70
2485 F23
–2500
–500
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
CA0/F0 = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2485 F24
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
CA0/F0 = EXT CLOCK
RES = LOG 2 (VREF/NOISERMS)
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2485 F25
14
20
40
90 100
20 30
60
80
TA = 85°C
TA = 25°C
VIN(CM) = VREF(CM)
VCC = VREF = 5V
CA0/F0 = EXT CLOCK
RES = LOG 2 (VREF/INLMAX)
OUTPUT DATA RATE (READINGS/SEC)
0
–10
–5
5
10
20
10
50
70
2485 F26
0
15
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2485 F27
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/NOISERMS)
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2485 F28
14
20
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
CA0/F0 = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/INLMAX)
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com