Electronic Components Datasheet Search
  English  ▼

X  

LTC2485CDD Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 14Page - Linear Technology LTC2485CDD Datasheet HTML 15Page - Linear Technology LTC2485CDD Datasheet HTML 16Page - Linear Technology LTC2485CDD Datasheet HTML 17Page - Linear Technology LTC2485CDD Datasheet HTML 18Page - Linear Technology LTC2485CDD Datasheet HTML 19Page - Linear Technology LTC2485CDD Datasheet HTML 20Page - Linear Technology LTC2485CDD Datasheet HTML 21Page - Linear Technology LTC2485CDD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
LTC2485
2485fa
Discarding a Conversion Result and Initiating a New
Conversion with Optional Configuration Updating
At the conclusion of a conversion cycle, a Write cycle can
be initiated. Once the Write cycle is acknowledged, a stop
(P) command initiates a new conversion. If a new con-
figuration is required, this data can be written into the
device and a stop command initiates a new conversion,
see Figure 8.
Synchronizing Multiple LTC2485s with the Global
Address Call
In applications where several LTC2485s are used on the
same I2C bus, all LTC2485s can be synchronized with the
global address call. To achieve this, first all the LTC2485s
must have completed the conversion cycle. The master
issues a Start, followed by the LTC2485 global address
1110111 and a Write request. All LTC2485s will be se-
lected and acknowledge the request. The master then
sends the write byte (Optional) and ends the Write opera-
tion with a STOP. This will update the configuration
registers (if a write byte was sent) and initiate a new
conversion simultaneously on all the LTC2485s, as shown
in Figure 9. In order to synchronize the start of conversion
without affecting the configuration registers, the Write
operation can be aborted with a STOP. This initiates a new
conversion on all the LTC2485s without changing the
configuration registers.
Easy Drive Input Current Cancellation
The LTC2485 combines a high precision delta-sigma ADC
with an automatic differential input current cancellation
front end. A proprietary front-end passive sampling
network transparently removes the differential input cur-
rent. This enables external RC networks and high imped-
ance sensors to directly interface to the LTC2485 without
external amplifiers. The remaining common mode input
current is eliminated by either balancing the differential
input impedances or setting the common mode input
equal to the common mode reference (see Automatic
Input Current Cancellation section). This unique architec-
ture does not require on-chip buffers enabling input
signals to swing all the way to ground and up to VCC.
Furthermore, the cancellation does not interfere with the
transparent offset and full-scale auto-calibration and the
absolute accuracy (full scale + offset + linearity) is main-
tained even with external RC networks.
Conversion Clock
A major advantage the delta-sigma converter offers over
conventional type converters is an on-chip digital filter
(commonly implemented as a SINC or Comb filter). For high
resolution, low frequency applications, this filter is typically
designed to reject line frequencies of 50Hz or 60Hz plus their
harmonics. The filter rejection performance is directly re-
lated to the accuracy of the converter system clock. The
Figure 8. Start a New Conversion without Reading Old Conversion Result
Figure 9. Synchronize the LTC2485s with the Global Address Call
7-BIT ADDRESS
CONVERSION
CONVERSION
SLEEP
DATA INPUT
S
W ACK
WRITE (OPTIONAL)
P
2485 F08
GLOBAL ADDRESS
SCL
SDA
LTC2485
LTC2485
…
LTC2485
ALL LTC2485s IN SLEEP
CONVERSION OF ALL LTC2485s
DATA INPUT
S
W ACK
WRITE (OPTIONAL)
P
2485 F09
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com