Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2845 Datasheet HTML 3Page - Linear Technology LTC2845 Datasheet HTML 4Page - Linear Technology LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology LTC2845 Datasheet HTML 10Page - Linear Technology LTC2845 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC2845
sn2845 2845fs
BLOCK DIAGRA
MODE
SELECTION
LOGIC
R2
R2A
R2B
R3
R3A
R3B
S3
20k
20k
20k
20k
S3
10k
6k
D3/R1 B
10k
10k
10k
D3
DCE/DTE
R1
D3
R1
6k
20k
20k
S3
10k
10k
2845 BD
6k
7
8
5
6
28
27
D2
D2A
D2B
D2
4
32
31
D1
D1A
D1B
D1
3
VDD 2
VCC 1
GND
35
VEE
36
34
33
26
25
29
S3
20k
20k
10k
6k
D4A
D4
R4
D4
9
10
M0 11
M1 12
M2 13
24
D5A
D5
D5
18
21
R4A
23
VIN
20
VCC
19
14
D4ENB 15
R4EN 16
R2
R3
R4
S3
10k
6k
R5 17
R5
D3/R1 A
30
R5A
22
TEST CIRCUITS
Figure 3. V.10/V.28 Driver Test Circuit
A
D
2845 F03
RL
CL
A
D
2845 F04
CL
R
A
Figure 4. V.10/V.28 Receiver Test Circuit
Figure 1. V.11 Driver Test Circuit
Figure 2. V.11 Driver/Receiver AC Test Circuit
A
B
2845 F01
VOD
VOC
RL
RL
A
B
A
R
B
2845 F02
RL
100
Ω
CL
100pF
CL
100pF
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com