Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2845 Datasheet HTML 12Page - Linear Technology LTC2845 Datasheet HTML 13Page - Linear Technology LTC2845 Datasheet HTML 14Page - Linear Technology LTC2845 Datasheet HTML 15Page - Linear Technology LTC2845 Datasheet HTML 16Page - Linear Technology LTC2845 Datasheet HTML 17Page - Linear Technology LTC2845 Datasheet HTML 18Page - Linear Technology LTC2845 Datasheet HTML 19Page - Linear Technology LTC2845 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC2845
sn2845 2845fs
TYPICAL APPLICATIONS
LTC2846
M0
M1
M2
DCE/DTE
C2
1
µF
R1
13k
C1
1
µF
C6
10
µF
C3
1
µF
C4
3.3
µF
VCC
5V
SHDN
VIN
3.3V
CHARGE
PUMP
BOOST
SWITCHING
REGULATOR
L1
5.6
µH
D1 MBR0520
C5
10
µF
M0
M1
M2
D1
D2
D3
R1
R2
R3
T
T
T
T
T
R2
4.3k
VCC
5V
VEE
–7.5V
VDD 8V
D2
D1
LTC2845
D3
R2
R1
R4
R3
VCC
VDD
VEE
GND
2
14
24
11
15
12
24
11
2
1
5
13
6
8
22
10
20
23
4
19
18
7
14
2845 F24
RXD A (104)
TXC A (114)
TXC B
SCTE A (113)
SCTE B
TXD A (103)
TXD B
RXD B
RXC A (115)B
RXC B
CTS A (106)
CTS B
DSR A (107)
DSR B
SG (102)
SHIELD (101)
DB-25 FEMALE
CONNECTOR
DCD A (109)
DCD B
DTR A (108)
DTR B
RTS A (105)
RTS B
LL (141)
D4
M0
M1
M2
DCE/DTE
C9
1
µF
VIN
3.3V
C8
1
µF
C7
1
µF
CTS
DSR
DTR
DCD
RTS
LL
R5
RL (140)
21
RL
*
*OPTIONAL
RI (125)
RI
D5
25
TM (142)
TM
VIN
D4ENB
R4EN
NC
NC
NC
VIN
3.3V
C10
1
µF
RXD
RXC
TXC
SCTE
TXD
Figure 24. Controller-Selectable DCE Port with DB-25 Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com