Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2845 Datasheet HTML 4Page - Linear Technology LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology LTC2845 Datasheet HTML 10Page - Linear Technology LTC2845 Datasheet HTML 11Page - Linear Technology LTC2845 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC2845
sn2845 2845fs
ODE SELECTIO
(Note 1)
(Note 4)
(Note 4) (Note 1)
D4A
MODE NAME
M2
M1
M0
DCE
D1, D2,
D3
D1
D2
D3
D5A
/DTE
D4, D5
A
B
A
B
A
B
Not Used
(Default V.11)
0
0
0
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
RS530A
0
0
1
0
TTL
X
V.11
V.11
V.10
Z
Z
Z
V.10
RS530
0
1
0
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
X.21
0
1
1
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
V.35
1
0
0
0
TTL
X
V.28
Z
V.28
Z
Z
Z
V.28
RS449/V.36
1
0
1
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
V.28/RS232
1
1
0
0
TTL
X
V.28
Z
V.28
Z
Z
Z
V.28
No Cable
1
1
1
0
X
X
Z
Z
Z
Z
Z
Z
Z
Not Used
(Default V.11)
0
0
0
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
RS530A
0
0
1
1
TTL
TTL
V.11
V.11
V.10
Z
V.11
V.11
V.10
RS530
0
1
0
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
X.21
0
1
1
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.35
1
0
0
1
TTL
TTL
V.28
Z
V.28
Z
V.28
Z
V.28
RS449/V.36
1
0
1
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.28/RS232
1
1
0
1
TTL
TTL
V.28
Z
V.28
Z
V.28
Z
V.28
No Cable
1
1
1
1
X
X
Z
Z
Z
Z
Z
Z
Z
MODE NAME
M2
M1
M0
DCE
/DTE
Not Used
(Default V.11)
0
0
0
0
RS530A
0
0
1
0
RS530
0
1
0
0
X.21
0
1
1
0
V.35
100
0
RS449/V.36
1
0
1
0
V.28/RS232
1
1
0
0
No Cable
1
1
1
0
Not Used
(Default V.11)
0
0
0
1
RS530A
0
0
1
1
RS530
0
1
0
1
X.21
0
1
1
1
V.35
100
1
RS449/V.36
1
0
1
1
V.28/RS232
1
1
0
1
No Cable
1
1
1
1
(Note 2)
(Note 3)
(Note 2)
(Note 2)
(Note 2)
(Note 5) (Note 3) (Note 5)
R1
R2
R3
R4A
R1
R2, R3
A
B
A
B
A
B
R5A
R4, R5
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.10
30k
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.28
30k
V.28
30k
V.28
30k
V.28
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.28
30k
V.28
30k
V.28
30k
V.28
CMOS
CMOS
30k
30k
30k
30k
30k
30k
30k
Z
Z
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.10
30k
V.11
V.11
V.10
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
30k
30k
30k
30k
30k
30k
30k
Z
Z
Note 1: Driver inputs are TTL level compatible.
Note 2: Unused receiver inputs are terminated with 30k to ground.
Note 3: Receiver outputs are CMOS level compatible and have a weak pull-up to VIN when Z.
Note 4: Driver 4 is enabled by D4ENB=0 (Pin 15).
Note 5: Receiver 4 is enabled by R4EN=1 (Pin 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com