Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology LTC2845 Datasheet HTML 10Page - Linear Technology LTC2845 Datasheet HTML 11Page - Linear Technology LTC2845 Datasheet HTML 12Page - Linear Technology LTC2845 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC2845
sn2845 2845fs
SWITCHI G TI E WAVEFOR S
Figure 6. V.11 Receiver Propagation Delays
VIH
VIL
RECEIVER THRESHOLD
1.65V
RECEIVER THRESHOLD
1.65V
tPHL
VOH
VOL
A
R
tPLH
2845 F08
Figure 8. V.10, V.28 Receiver Propagation Delays
3V
0V
1.5V
0V
–3V
3V
1.5V
0V
3V
–3V
tPHL
tf
VO
–VO
D
A
tPLH
tr
2845 F07
Figure 7. V.10, V.28 Driver Propagation Delays
VOD2
–VOD2
0V
1.65V
0V
1.65V
tPLH
VOH
VOL
B – A
R
tPHL
2845 F06
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
INPUT
OUTPUT
Figure 5. V.11 Driver Propagation Delays
3V
1.5V
1.5V
50%
10%
90%
tPLH
t r
0V
VO
VO
–VO
D
B – A
A
B
tPHL
tSKEW
tSKEW
2845 F05
1/2 VO
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
VDIFF = V(B) – V(A)
50%
10%
90%
t f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com