Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 3 Page - Linear Technology

  LTC2845 Datasheet HTML 1Page - Linear Technology LTC2845 Datasheet HTML 2Page - Linear Technology LTC2845 Datasheet HTML 3Page - Linear Technology LTC2845 Datasheet HTML 4Page - Linear Technology LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC2845
sn2845 2845fs
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11
(Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IEE
VEE Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
2
mA
All Digital Pins = GND or VIN)
RS530, X.21 Modes, Full Load
23
mA
RS530-A, Full Load
34
mA
V.28 Mode, No Load
1
mA
V.28 Mode, Full Load
12
mA
No-Cable Mode
10
µA
IDD
VDD Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
0.3
mA
All Digital Pins = GND or VIN)
RS530, RS530-A, X.21 Modes, Full Load
0.3
mA
V.28 Mode, No Load
1
mA
V.28 Mode, Full Load
13.5
mA
No-Cable Mode
10
µA
IVIN
VIN Supply Current (DCE Mode,
All Modes Except No-Cable Mode
650
µA
All Digital Pins = GND or VIN)
PD
Internal Power Dissipation (DCE Mode,
RS530, RS530-A, X.21 Modes, Full Load
240
mW
All Digital Pins = GND or VIN)
V.28 Mode, Full Load
64
mW
Logic Inputs and Outputs
VIH
Logic Input High Voltage
q
2V
VIL
Logic Input Low Voltage
VCC = 5V
q
0.8
V
R4EN when VCC = 3.3V
0.5
V
IIN
Logic Input Current
D1, D2, D3, D4, D5
q
±10
µA
M0, M1, M2, DCE, D4ENB, R4EN = GND
q
–30
–75
–120
µA
M0, M1, M2, DCE, D4ENB, R4EN = VIN
q
±10
µA
VOH
Output High Voltage
IO = –3mA
q
2.7
3
V
VOL
Output Low Voltage
IO = 1.6mA
q
0.2
0.4
V
IOSR
Output Short-Circuit Current
0V
≤ VO ≤ VIN
q
±50
mA
IOZR
Three-State Output Current
M0 = M1 = M2 = VIN, VO = GND
q
–30
–85
–160
µA
M0 = M1 = M2 = VIN, VO = VIN
q
±10
µA
V.11 Driver
VODO
Open Circuit Differential Output Voltage
RL = 1.95k (Figure 1)
q
±5V
VODL
Loaded Differential Output Voltage
RL = 50Ω (Figure 1)
0.5VODO
0.67VODO
V
q
±2V
∆VOD
Change in Magnitude of Differential
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
VOC
Common Mode Output Voltage
RL = 50Ω (Figure 1)
q
3V
∆VOC
Change in Magnitude of Common Mode
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
ISS
Short-Circuit Current
VOUT = GND
±150
mA
IOZ
Output Leakage Current
–0.25V
≤ VO ≤ 0.25V, Power Off or
q
±1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
LTC2845C (Figures 2, 5)
q
215
25
ns
LTC2845I (Figures 2, 5)
q
215
35
ns
tPLH
Input to Output
LTC2845C (Figures 2, 5)
q
20
40
65
ns
LTC28451 (Figures 2, 5)
q
20
40
75
ns
tPHL
Input to Output
LTC2845C (Figures 2, 5)
q
20
40
65
ns
LTC2845I (Figures 2, 5)
q
20
40
75
ns
∆t
Input to Output Difference,
tPLH – tPHL
LTC2845C (Figures 2, 5)
q
03
12
ns
LTC2845I (Figures 2, 5)
q
03
17
ns
tSKEW
Output to Output Skew
(Figures 2, 5)
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com