Electronic Components Datasheet Search
  English  ▼

X  

LTC2845 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 4 Page - Linear Technology

  LTC2845 Datasheet HTML 1Page - Linear Technology LTC2845 Datasheet HTML 2Page - Linear Technology LTC2845 Datasheet HTML 3Page - Linear Technology LTC2845 Datasheet HTML 4Page - Linear Technology LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC2845
sn2845 2845fs
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11
(Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V.11 Receiver
VTH
Input Threshold Voltage
–7V
≤ VCM ≤ 7V
q
–0.2
0.2
V
∆VTH
Input Hysteresis
–7V
≤ VCM ≤ 7V
q
15
40
mV
IIN
Input Current (A, B)
–10V
≤ VA,B ≤ 10V
q
±0.66
mA
RIN
Input Impedance
–10V
≤ VA,B ≤ 10V
q
15
30
k
Ω
tr, tf
Rise or Fall Time
(Figures 2, 6)
15
ns
tPLH
Input to Output
LTC2845C CL = 50pF (Figures 2, 6)
q
50
80
ns
LTC2845I CL = 50pF (Figures 2, 6)
q
50
90
ns
tPHL
Input to Output
LTC2845C CL = 50pF (Figures 2, 6)
q
50
80
ns
LTC2845I CL = 50pF (Figures 2, 6)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHL
LTC2845C CL = 50pF (Figures 2, 6)
q
04
16
ns
LTC2845I CL = 50pF (Figures 2, 6)
q
04
21
ns
V.10 Driver
VO
Output Voltage
Open Circuit, RL = 3.9k
q
±4
±6V
VT
Output Voltage
RL = 450Ω (Figure 3)
q
±3.6
V
RL = 450Ω (Figure 3)
0.9VO
ISS
Short-Circuit Current
VO = GND
±150
mA
IOZ
Output Leakage Current
–0.25V
≤ VO ≤ 0.25V, Power Off or
q
±0.1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
RL = 450Ω, CL = 100pF (Figures 3, 7)
2
µs
tPLH
Input to Output
RL = 450Ω, CL = 100pF (Figures 3, 7)
1
µs
tPHL
Input to Output
RL = 450Ω, CL = 100pF (Figures 3, 7)
1
µs
V.10 Receiver
VTH
Receiver Input Threshold Voltage
q
–0.25
0.25
V
∆VTH
Receiver Input Hysteresis
q
25
50
mV
IIN
Receiver Input Current
–10V
≤ VA ≤ 10V
q
±0.66
mA
RIN
Receiver Input Impedance
–10V
≤ VA ≤ 10V
q
15
30
k
Ω
tr, tf
Rise or Fall Time
CL = 50pF (Figures 4, 8)
15
ns
tPLH
Input to Output
CL = 50pF (Figures 4, 8)
55
ns
tPHL
Input to Output
CL = 50pF (Figures 4, 8)
109
ns
∆t
Input to Output Difference,
tPLH – tPHL
CL = 50pF (Figures 4, 8)
60
ns
V.28 Driver
VO
Output Voltage
Open Circuit
q
±10
V
RL = 3k (Figure 3)
q
±5
±8.5
V
ISS
Short-Circuit Current
VO = GND
q
±150
mA
IOZ
Output Leakage Current
–0.25V
≤ VO ≤ 0.25V, Power Off or
q
±1
±100
µA
No-Cable Mode or Driver Disabled
SR
Slew Rate
RL = 3k, CL = 2500pF (Figures 3, 7)
q
430
V/
µs
tPLH
Input to Output
RL = 3k, CL = 2500pF (Figures 3, 7)
q
1.3
2.5
µs
tPHL
Input to Output
RL = 3k, CL = 2500pF (Figures 3, 7)
q
1.3
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com