Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 1 Page - Linear Technology

  LTC3412 Datasheet HTML 1Page - Linear Technology LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3412
1
3412fb
The LTC
®3412 is a high efficiency monolithic synchro-
nous, step-down DC/DC converter utilizing a constant
frequency, current mode architecture. It operates from an
input voltage range of 2.625V to 5.5V and provides an
adjustable regulated output voltage from 0.8V to 5V while
delivering up to 2.5A of output current. The internal
synchronous power switch with 85mΩ on-resistance
increases efficiency and eliminates the need for an exter-
nal Schottky diode. Switching frequency is set by an
external resistor or can be sychronized to an external
clock. 100% duty cycle provides low dropout operation
extending battery life in portable systems. OPTI-LOOP
®
compensation allows the transient response to be opti-
mized over a wide range of loads and output capacitors.
The LTC3412 can be configured for either Burst Mode
®
operation or forced continuous operation. Forced con-
tinuous operation reduces noise and RF interference while
Burst Mode operation provides high efficiency by reduc-
ing gate charge losses at light loads. In Burst Mode
operation, external control of the burst clamp level allows
the output voltage ripple to be adjusted according to the
requirements of the application. To further maximize
battery life, the P-channel MOSFET is turned on continu-
ously in dropout (100% duty cycle).
■ Portable Instruments
■ Battery-Powered Equipment
■ Notebook Computers
■ Distributed Power Systems
■ Cellular Telephones
■ Digital Cameras
■ High Efficiency: Up to 95%
■ 2.5A Output Current
■ Low Quiescent Current: 62μA
■ Low RDS(ON) Internal Switches: 85mΩ
■ Programmable Frequency: 300kHz to 4MHz
■ No Schottky Diode Required
■ ±2% Output Voltage Accuracy
■ 0.8V Reference Allows Low Output Voltage
■ Selectable Forced Continuous/Burst Mode Operation
with Adjustable Burst Clamp
■ Synchronizable Switching Frequency
■ Low Dropout Operation: 100% Duty Cycle
■ Power Good Output Voltage Monitor
■ Overtemperature Protection
■ Available in 16-Lead Thermally Enhanced TSSOP
and QFN Packages
2.5A, 4MHz, Monolithic
Synchronous Step-Down Regulator
Figure 1. 2.5V, 2.5A Step-Down Regulator
Efficiency vs Load Current
SVIN
PVIN
PGOOD
SW
LTC3412
PGND
SGND
RUN/SS
309k
VIN
2.7V TO 5.5V
1000pF
RT
ITH
VFB
SYNC/MODE
1μH
4.7M
470pF
75k
100pF
100μF
VOUT
2.5V
2.5A
15k
110k
392k
22μF
3412 F01
LOAD CURRENT (A)
0.001
100
80
60
40
20
0
10
3412 G01
VIN = 3.3V
VOUT = 2.5V
Burst Mode OPERATION
FORCED CONTINUOUS
0.1
1
0.01
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC, LTM, Burst Mode and OPTI-LOOP are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
287Kb / 28P
Step-Down Switching Regulator
logo
Analog Devices
LTC3412 AD-LTC3412 Datasheet
339Kb / 22P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
3412fc
More results

Similar Description - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com