Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 2 Page - Linear Technology

  LTC3412 Datasheet HTML 1Page - Linear Technology LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3412
2
3412fb
Input Supply Voltage ...................................– 0.3V to 6V
ITH, RUN, VFB Voltages ............................... – 0.3V to VIN
SYNC/MODE Voltages ................................ – 0.3V to VIN
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
Peak SW Sink and Source Current ......................... 6.5A
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3412EFE
LTC3412IFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
FE PACKAGE
16-LEAD PLASTIC TSSOP
16
15
14
13
12
11
10
9
SVIN
PGOOD
ITH
VFB
RT
SYNC/MODE
RUN/SS
SGND
PVIN
SW
SW
PGND
PGND
SW
SW
PVIN
17
FE PART MARKING
3412EFE
3412IFE
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 37.6°C/W, θJC = 10°C/W
Operating Temperature
Range (Note 2) ....................................... – 40°C to 85°C
Junction Temperature (Note 5) ............................. 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LTC3412EUF
UF PART MARKING
3412
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 34°C/W, θJC = 1°C/W
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RUN/SS
SGND
PVIN
SW
PGOOD
SVIN
PVIN
SW
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
Signal Input Voltage Range
2.625
5.5
V
VFB
Regulated Feedback Voltage
(Note 3)
●
0.784
0.800
0.816
V
IFB
Voltage Feedback Leakage Current
0.1
0.4
μA
ΔVFB
Reference Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 3)
●
0.04
0.2
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
●
0.02
0.2
%
Measured in Servo Loop, VITH = 0.84V
●
– 0.02
– 0.2
%
ΔVPGOOD
Power Good Range
±7.5
±9%
RPGOOD
Power Good Pull-Down Resistance
120
200
Ω
IQ
Input DC Bias Current
(Note 4)
Active Current
VFB = 0.78V, VITH = 1V
250
330
μA
Sleep
VFB = 1V, VITH = 0V
62
80
μA
Shutdown
VRUN = 0V, VMODE = 0V
0.02
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com