Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3412 Datasheet HTML 12Page - Linear Technology LTC3412 Datasheet HTML 13Page - Linear Technology LTC3412 Datasheet HTML 14Page - Linear Technology LTC3412 Datasheet HTML 15Page - Linear Technology LTC3412 Datasheet HTML 16Page - Linear Technology LTC3412 Datasheet HTML 17Page - Linear Technology LTC3412 Datasheet HTML 18Page - Linear Technology LTC3412 Datasheet HTML 19Page - Linear Technology LTC3412 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3412
18
3412fb
8
SGND
CSS
470pF X7R
7
RSS
4.7M
RUN
6
SYNC/MODE
ROSC
309k
5
RT
R2
200k
4
VFB
RITH
15k
3
CITH 1000pF X7R
ITH
2
PGOOD
PGOOD
1
SVIN
9
PVIN
10
SW
11
SW
12
PGND
LTC3412
13
PGND
14
SW
15
SW
16
PVIN
CIN2
22μF
X5R 6.3V
CIN1
22μF
X5R 6.3V
COUT**
100μF
VOUT
3.3V
2.5A
VIN
5V
GND
R1 634k
3412 TA01
L1*
1μH
*
**
PULSE P1166.162T
TDK C4532X5R0J107M
CC
100pF
C1 22pF X5R
CIN3**
100μF
RPG
100k
3.3V, 2.5A Step-Down Regulator at 1MHz, Forced Continuous Mode Operation
TYPICAL APPLICATIO S
8
SGND
CSS
470pF X7R
7
RSS
4.7M
RUN
6
SYNC/MODE
ROSC
309k
5
RT
R2
110k
4
R3
75k
VFB
RITH
15k
3
CITH 1000pF X7R
ITH
2
PGOOD
PGOOD
1
SVIN
9
PVIN
10
SW
11
SW
12
PGND
LTC3412
13
L1*
2μH
M1
SILICONIX
Si2302DS
D1
DIODES, INC.
B320A
PGND
14
SW
15
SW
16
PVIN
C1
22pF
CIN2
22μF
X5R 6.3V
CIN1
22μF
X5R 6.3V
COUT**
100μF
VOUT
3.3V
VIN
2.7V TO 4.2V
GND
GND
3412 F04
CIN3**
100μF
×2
R1 576k
*
**
TOKO D63CB
TDK C4532X5R0J107M
C2
100pF
RPG
100k
VIN
MAXIMUM IOUT
2.7V
800mA
3V
900mA
3.5V
1.05A
4.2V
1.2A
Lithium-Ion to 3.3V, Single Inductor Buck-Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com