Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 3 Page - Linear Technology

  LTC3412 Datasheet HTML 1Page - Linear Technology LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3412
3
3412fb
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT (A)
0.001
100
80
60
40
20
0
10
3412 G01
VIN = 3.3V
VOUT = 2.5V
Burst Mode OPERATION
FORCED CONTINUOUS
0.1
1
0.01
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (A)
0.001
10
3412 G02
VOUT = 2.5V
1MHz
Burst Mode OPERATION
0.1
1
0.01
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.001
100
90
80
70
60
50
40
30
20
10
0
10
3412 G03
VOUT = 2.5V
1MHz
FORCED CONTINUOUS
0.1
1
0.01
VIN = 3.3V
VIN = 5V
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Switching Frequency
ROSC = 309kΩ
0.88
0.95
1.1
MHz
Switching Frequency Range
(Note 6)
0.3
4
MHz
fSYNC
SYNC Capture Range
(Note 6)
0.3
4
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 1A (Note 7)
85
110
mΩ
RNFET
RDS(ON) of N-Channel FET
ISW = –1A (Note 7)
65
90
mΩ
ILIMIT
Peak Current Limit
4
5.4
A
VUVLO
Undervoltage Lockout Threshold
2.375
2.500
2.625
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V
0.1
1
μA
VRUN
RUN Threshold
0.5
0.65
0.8
V
IRUN
RUN/SS Leakage Current
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3412E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3412I is guaranteed to meet
specified performance over the – 40°C to 85°C temperature range.
Note 3: The LTC3412 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation as follows: LTC3412: TJ = TA + PD (37.6°C/W).
Note 6: 4MHz operation is guaranteed by design and not production tested.
Note 7: Switch on resistance is guaranteed by design and test correlation
in the UF package and by production test in the FE package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com