Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 4 Page - Linear Technology

  LTC3412 Datasheet HTML 1Page - Linear Technology LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3412
4
3412fb
INPUT VOLTAGE (V)
2.55
3.05
3.55
4.05
4.55
5.05
98
96
94
92
90
88
86
3412 G04
VOUT = 2.5V
1MHz
Burst Mode OPERATION
LOAD = 100mA
LOAD = 1A
LOAD = 2.5A
FREQUENCY (kHz)
300
800 1300 1800 2300 2800 3300 3800
97
96
95
94
93
92
91
3412 G05
VIN = 3.3V
VOUT = 2.5V
LOAD = 1A
Burst Mode OPERATION
1μH
0.47μH
2.2μH
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0.02
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
–0.18
3412 G06
VIN = 3.3V
VOUT = 2.5V
4μs/DIV
3412 G07
20μs/DIV
3412 G08
20μs/DIV
3412 G09
Efficiency vs Frequency
Efficiency vs Input Voltage
Load Regulation
Load Step Transient Forced
Continuous
Burst Mode Operation
Load Step Transient Burst Mode
Operation
VIN = 3.3V, VOUT = 2.5V
LOAD = 50mA
VIN = 3.3V, VOUT = 2.5V
LOAD STEP = NO LOAD TO 2.5A
VIN = 3.3V, VOUT = 2.5V
LOAD STEP = 50mA TO 2.5A
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–45 –25 –5
15
35
55
75
95 115 120
3412 G11
0.7960
0.7955
0.7950
0.7945
0.7940
0.7935
0.7930
0.7925
0.7920
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
3412 G12
120
100
80
60
40
20
0
PFET ON-RESISTANCE
NFET ON-RESISTANCE
Start-Up, Burst Mode Operation
Reference Voltage
vs Temperature
Switch On-Resistance
vs Input Voltage
1ms/DIV
3412 G10
VIN = 3.3V, VOUT = 2.5V
LOAD = 1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com