Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 3Page - Linear Technology LTC4067 Datasheet HTML 4Page - Linear Technology LTC4067 Datasheet HTML 5Page - Linear Technology LTC4067 Datasheet HTML 6Page - Linear Technology LTC4067 Datasheet HTML 7Page - Linear Technology LTC4067 Datasheet HTML 8Page - Linear Technology LTC4067 Datasheet HTML 9Page - Linear Technology LTC4067 Datasheet HTML 10Page - Linear Technology LTC4067 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4067
7
4067f
IBAT (mA)
0
500
4067 G21
250
450
400
300 350
200
150
100
50
1200
1000
200
400
600
800
0
VIN = 5V
IOUT = 0mA
RPROG = 2k
RPROG = 4k
IOUT (mA)
0
2000
4067 G19
400
800
1200
1600
500
400
300
200
100
0
500
400
300
200
100
0
VIN = 5V
VBAT = 3.6V
SUSP
VFWD AT TA = 130°C
VFWD AT TA = 50°C
VFWD AT TA = –50°C
RFWD AT TA = 130°C
RFWD AT TA = 50°C
RFWD AT TA = –50°C
IIN (mA)
0
600
500
4067 G22
400
300
200
100
1200
1000
200
400
600
800
0
VBAT = 3.8V
RCLPROG = 2k
RCLPROG = 4k
IOUT (mA)
0
1000
4067 G23
500
400
300
200
100
600 700 800 900
600
500
400
300
200
100
–400
–300
–200
–100
0
–500
VBAT = 3.8V
RCLPROG = 2k
RPROG = 2k
HPWR
IIN
IBAT CHARGING
IBAT IDEAL DIODE
Ideal Diode and Schottky Diode
Forward Voltage vs Current
VPROG vs IBAT
VCLPROG vs IIN
IIN or IBAT and IOUT HPWR Mode
TYPICAL PERFOR A CE CHARACTERISTICS
Ideal Diode Forward Voltage and
Resistance vs Current
VFWD (mV)
0
450
4067 G13
350
300
250
200
150
50 100
400
2000
1000
800
600
400
200
1800
1600
1400
1200
0
VBAT = 3.6V
LTC4067
1N5817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com