Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 12Page - Linear Technology LTC4067 Datasheet HTML 13Page - Linear Technology LTC4067 Datasheet HTML 14Page - Linear Technology LTC4067 Datasheet HTML 15Page - Linear Technology LTC4067 Datasheet HTML 16Page - Linear Technology LTC4067 Datasheet HTML 17Page - Linear Technology LTC4067 Datasheet HTML 18Page - Linear Technology LTC4067 Datasheet HTML 19Page - Linear Technology LTC4067 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4067
20
4067f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0407 • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
Battery Chargers
LTC4054
Standalone Linear Li-Ion Battery
Charger with Integrated Pass Transistor
in ThinSOT™
Thermal Regulation Prevents Overheating, C/10 Termination, C/10 Indicator, Up to 800mA
Charge Current
LTC4059
900mA Linear Lithium-Ion Battery
Charger
2mm × 2mm DFN Package, Thermal Regulation, Charge Current Monitor Output
LTC4065/LTC4065A Standalone Li-Ion Battery Chargers
in 2 × 2 DFN
4.2V, ±0.6% Float Voltage, Up to 750mA Charge Current, 2mm × 2mm DFN,
“A” Version has ACPR Function.
LTC4411/LTC4412
Low Loss PowerPath Controller in
ThinSOT
Automatic Switching Between DC Sources, Load Sharing, Replaces ORing Diode
LTC4412HV
High Voltage Power Path Controllers in
ThinSOT
VIN = 3V to 36V, More Efficient than Diode ORing, Automatic Switching Between DC
Sources, Simplified Load Sharing, ThinSOT Package.
Power Management
LTC3455
Dual DC/DC Converter with USB Power
Manager and Li-Ion Battery Charger
Seamless Transition Between Power Sources: USB, Wall Adapter and Battery; 95%
Efficient DC/DC Conversion
LTC4055
USB Power Controller and Battery
Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation,
200mΩ Ideal Diode, 4mm × 4mm QFN16 Package
LTC4066
USB Power Controller and Li-Ion Battery
Charger with Low-Loss Ideal Diode
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation, 50mΩ
Ideal Diode, 4mm × 4mm QFN24 Package
LTC4085
USB Power Manager with Ideal Diode
Controller and Li-Ion Charger
Charges Single Cell Li-Ion Batteries Directly from a USB Port, Thermal Regulation,
200mΩ Ideal Diode with <50mΩ Option, 4mm × 3mm DFN14 Package
LTC4089/
LTC4089-5
USB Power Manager with Ideal Diode
Controller and High Efficiency Li-Ion
Battery Charger
High Efficiency 1.2A Charger from 6V to 36V (40V Max) Input Charges Single-Cell Li-Ion
Batteries Directly from a USB Port, Thermal Regulation, 200mΩ Ideal Diode with <50mΩ
option, Bat-Track Adaptive Output Control (LTC4089), Fixed 5V Output (LTC4089-5), 4mm
× 3mm DFN-14 Package
ThinSOT is a trademark of Linear Technology Corporation.
Li-Ion Charger/Controller with Overvoltage Protection
LTC4067
OUT
GATE
1-CELL
Li-Ion
10
μF
IN
INPUT
CURRENT
MONITOR
LOAD
ENABLE
Q3
RPROG
2k
RCLPROG
1k
IN
CHRG
BAT
NTC
ILIM0
PROG
ILIM1
CLPROG
GND
WALL
ADAPTER
1
μF
10
μF
D1
OPTIONAL
Q1
Q1, Q2: IFR7404
CHARGE CURRENT
MONITOR
4067 TA02
OVP
OVI
OPTIONAL
SOURCE
DRAIN
10nF
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com