Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 12Page - Linear Technology LTC4067 Datasheet HTML 13Page - Linear Technology LTC4067 Datasheet HTML 14Page - Linear Technology LTC4067 Datasheet HTML 15Page - Linear Technology LTC4067 Datasheet HTML 16Page - Linear Technology LTC4067 Datasheet HTML 17Page - Linear Technology LTC4067 Datasheet HTML 18Page - Linear Technology LTC4067 Datasheet HTML 19Page - Linear Technology LTC4067 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4067
16
4067f
APPLICATIO S I FOR ATIO
NTC thermistor, RCOLD, increases to 2.82 times the value
or RNOM. (For a Vishay NTHS0603N02N1002 thermistor
this value is 28.2k which corresponds to a temperature of
approximately 0°C). The hot and cold comparators each
have approximately 3°C of hysteresis to prevent oscillation
about the trip points.
Fault Conditions
The ⎯C⎯H⎯R⎯⎯G pin is used to signal two distinct fault condi-
tions: NTC faults and bad battery faults. Both of these
conditions are signaled at the ⎯C⎯H⎯R⎯⎯G pin with a series of
serrated open-drain pull-down pulses that are intended
to produce a visible “blinking” at an LED tied to this pin
as well as to produce a pulse train that is detectable to a
microprocessor input connected to this pin. The serrated
pulses are described with the aid of Figure 3, assuming
that the ⎯C⎯H⎯R⎯⎯G pin is connected to a positive rail with a
resistive pull-up. When an NTC fault condition is detected
during a normal charge cycle, the ⎯C⎯H⎯R⎯⎯G pin immediately
goes from a strong open-drain pull down to a high-im-
pedance state that pulses on for 1.4μs and then off at a
35kHz rate. This signal is further modulated by a 1.5Hz
blink frequency that reverses from pulsing high-to-low to
pulsing low-to-high.
Table 3 illustrates the four possible states of the ⎯C⎯H⎯R⎯G
pin when the battery charger is active.
Table 3. ⎯C⎯H⎯R⎯G Output Pin
STATUS
FREQUENCY
MODULATION
(BLINK)
FREQUENCY
DUTY CYCLE
Charging
0Hz
0Hz (Lo-Z)
100%
IBAT < ICC-CHG/10
0Hz
0Hz (Hi-Z)
0%
NTC Fault
35kHz
1.5Hz at 50%
4.7% to 95.3%
Bad Battery
35kHz
6.1Hz at 50%
9.4% to 90.6%
A bad battery fault has a 2.8μs pulse at the same rate that
is modulated by a 6Hz blink frequency. As the ⎯C⎯H⎯R⎯⎯G pin
immediately changes state upon entering a failure mode, a
microprocessor observing this pin detects the fault condi-
tion within 29μs of the failure occurring, by measuring the
pulse width. Furthermore the blink frequency is visually
detected by hooking this signal up to an LED.
When connecting a microprocessor with a positive logic
suppy that is different than the LED anode, a diode must
be inserted in series with the microcontroller input so as
to aviod the condition where the LED may inadvertantly
power up the microcontroller. A circuit that allows visual
fault and/or charge status as well as providing a safe
microcontroller interface is shown in Figure 4.
NORMAL
CHARGING
PW = 1.3
μs OR
2.7
μs
PW = 27.7
μs (NTC FAULT)
26.3
μs (BAD BAT)
TS = 667ms/2 (NTC FAULT)
167ms/2 (BAD BAT)
V (CHRG)
4067 F03
TS
FAULT
CONDITION
Figure 3
Figure 4. ⎯C⎯H⎯R⎯G Pin Connection to Drive a Microcontroller at the
Same Time as Providing a Visual Fault and/or Charge Status
LTC4067
OUT
VLOGIC
TO MICRO
4067 F04
CHRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com