Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 12Page - Linear Technology LTC4067 Datasheet HTML 13Page - Linear Technology LTC4067 Datasheet HTML 14Page - Linear Technology LTC4067 Datasheet HTML 15Page - Linear Technology LTC4067 Datasheet HTML 16Page - Linear Technology LTC4067 Datasheet HTML 17Page - Linear Technology LTC4067 Datasheet HTML 18Page - Linear Technology LTC4067 Datasheet HTML 19Page - Linear Technology LTC4067 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC4067
17
4067f
TYPICAL APPLICATIO S
Li-Ion Charger from 5V Wall Adapter with Overvoltage
Protection
Figure 5 illustrates an application where the LTC4067 is
used to charge a single-cell Li-Ion battery from a wall
adapter with built-in overvoltage protection.
Overvoltage protection is achieved with the OVI and OVP
pins of the LTC4067 along with an external PFET in se-
ries with the IN pin. This PFET disconnects the LTC4067
from potentially damaging overvoltage conditions that
are caused by attaching the wrong wall adapter. When
the OVI input senses a voltage greater than VOVTH, the
OVP output is pulled up to disable the PFET. When OVI is
below this threshold, the OVP output is pulled low, turning
on this PFET. In the event that large in-rush currents are
expected, it is recommended that a decoupling capacitor
be placed from OVI to GND. The body diode of this PFET
must be connected so that it is reverse biased when an
overvoltage condition exists.
A 10nF capacitor is recommended to dynamically pull-up on
the gate of Q1 if a fast edge occurs at the wall input during
a hot-plug. In the event that this capacitor is pre-charged
below the OVI rising threshold when a high voltage spike
occurs, the OVP output cannot guarantee turning off Q1
before the IN pin voltage exceeds the absolute maximum
voltage for this pin. This may occur in the event that the
wall input suddenly steps from 5.5V to a higher voltage.
In this case, a zener diode is also recommended to keep
the IN pin voltage to a safe level.
In the example of Figure 5, the input current limit from
the wall adapter is programmed to 1A with a 1k resistor
from CLPROG to GND (assuming ILIM0 and ILIM1 are held
high). And the charge current is programmed to 500mA
via the 2k resistor from the PROG pin to GND.
An optional second external PFET connected between
OUT and BAT serves as a high-performance ideal diode;
to connect the load to the battery with an extremely low
impedance. This ideal diode is controlled by the GATE
output pin whenever the wall adapter is not present or
the load demands more current than is available from
the wall adapter input (Connect the source of the PFET to
OUT and the drain to BAT).
Instantaneous monitoring of both input current and
charge current is achieved by measuring the voltages at
the CLPROG and PROG pins respectively.
Low-power shutdown is engaged by any of the following.
Disabling an external NFET tied in series with the PROG
pin resistor, by floating the PROG pin with a single-pole
switch, by tying RPROG to an open-drain output, by pulling
Figure 5. Li-Ion Charger/Controller with Overvoltage Protection
LTC4067
OUT
GATE
1-CELL
Li-Ion
10
μF
IN
INPUT
CURRENT
MONITOR
LOAD
ENABLE
Q3
Q2
RPROG
2k
RCLPROG
1k
IN
CHRG
BAT
NTC
ILIM0
PROG
ILIM1
CLPROG
GND
WALL
ADAPTER
1
μF
10
μF
D1
OPTIONAL
Q1
Q1, Q2: IFR7404
CHARGE CURRENT
MONITOR
4067 F05
OVP
OVI
OPTIONAL
SOURCE
DRAIN
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com