Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 11Page - Linear Technology LTC4067 Datasheet HTML 12Page - Linear Technology LTC4067 Datasheet HTML 13Page - Linear Technology LTC4067 Datasheet HTML 14Page - Linear Technology LTC4067 Datasheet HTML 15Page - Linear Technology LTC4067 Datasheet HTML 16Page - Linear Technology LTC4067 Datasheet HTML 17Page - Linear Technology LTC4067 Datasheet HTML 18Page - Linear Technology LTC4067 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC4067
15
4067f
APPLICATIO S I FOR ATIO
Battery Charger Stability Considerations
The LTC4067 battery charger contains two control loops:
constant voltage and constant current. The constant-volt-
age loop is stable without any compensation when a battery
is connected with low impedance leads. Excessive battery
lead length, however, may add enough series inductance
to require a bypass capacitor of at least 1μF from BAT to
ground. Furthermore, a 4.7μF capacitor with a 0.2Ω to 1Ω
series resistor is required from BAT to ground to keep the
ripple voltage low when the battery is disconnected.
In constant-current mode the PROG pin is in the feedback
loop, not the BAT pin. Because of the additional pole cre-
ated by PROG pin capacitance, additional capacitance on
this pin must be kept to a minimum. With no additional
capacitance on the PROG pin, the charger is stable with
program resistor values as high as 6k. However additional
capacitance on this node reduces the maximum allowed
program resistor. The pole frequency at the PROG pin
should be kept above 500kHz. Therefore, if the PROG pin
is loaded with a capacitance, CPROG, the following equa-
tion should be used to calculate the maximum resistance
value for RPROG:
RPROG ≤ 1/(2π • 5 • 105 CPROG)
Average, rather than instantaneous, battery current may be
of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple
RC filter at the PROG pin measures the average BAT pin
current, as shown in the figure below. A 20k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability. This technique may also be used on
the CLPROG pin.
NTC Thermistor Input Pin
An NTC input provides the option of charge qualification
using battery temperature and an external thermistor
thermally coupled to the battery. When the thermistor
senses an over or under temperature condition, charg-
ing is suspended until the temperature returns to a safe
operating range. The ⎯C⎯H⎯R⎯⎯G pin flashes while this out of
temperature condition persists. If the NTC pin is grounded,
NTC charge qualification is disabled. For more informa-
tion on the ⎯C⎯H⎯R⎯⎯G pin during fault conditions see the Fault
Conditions heading.
The battery temperature is measured by placing a nega-
tive temperature coefficient (NTC) thermistor in thermal
contact with the battery. The thermal regulation feature
of the LTC4067, requires a thermistor, RNTC, between the
NTC pin and GND as well as a second resistor, RNOM, from
the NTC pin to IN. The recommended RNOM resistor has a
value equal to the value of the chosen NTC thermistor at
25°C. (For a Vishay NTHS0603N02N1002 thermistor this
value is 10k.) The LTC4067 charger goes into hold mode
when the resistance, RHOT, of the NTC thermistor drops
to 0.41 times the value of RNOM or approximately 4.1k,
which is at 50°C. Hold mode freezes the timer and stops
the charge cycle until the thermistor indicates a return to
a valid temperature range. As the temperature drops, the
resistance of the NTC thermistor rises. The LTC4067 is
also designed to go into hold mode when the value of the
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering.
LTC4067
20k
AVERAGE
BATTERY
CURRENT
4067 F02
PROG
RPROG
CFILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com