Electronic Components Datasheet Search
  English  ▼

X  

LTC4067 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 1 Page - Linear Technology

  LTC4067 Datasheet HTML 1Page - Linear Technology LTC4067 Datasheet HTML 2Page - Linear Technology LTC4067 Datasheet HTML 3Page - Linear Technology LTC4067 Datasheet HTML 4Page - Linear Technology LTC4067 Datasheet HTML 5Page - Linear Technology LTC4067 Datasheet HTML 6Page - Linear Technology LTC4067 Datasheet HTML 7Page - Linear Technology LTC4067 Datasheet HTML 8Page - Linear Technology LTC4067 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4067
1
4067f
USB Power Manager
with OVP and
Li-Ion/Polymer Charger
The LTC®4067 is a USB power management and Li-Ion/
Polymer battery charger designed for portable battery
powered applications. The part controls total current used
by the USB peripheral for operation and battery charging.
The total input current may be left unregulated, or it may
be limited to 20% or 100% of the programmed value up
to 1.5A (typically 500mA). Battery charge current is au-
tomatically reduced such that the sum of the load current
and the charge current does not exceed the programmed
input current.
With the addition of an external P-channel MOSFET the
LTC4067 can withstand voltages up to 13V.
The LTC4067 includes a complete constant current/con-
stant voltage linear charger for single cell Li-Ion batteries.
The float voltage applied to the battery is held to a tight
0.4% tolerance, and charge current is programmed using
an external resistor to ground. An end-of-charge status
output, ⎯C⎯H⎯R⎯G, indicates full charge. Also featured is an
NTC thermistor input used to monitor battery temperature
while charging.
The LTC4067 is available in a 12-lead low profile 4mm ×
3mm DFN package.
Programmable Input Current Limit:
■
Single Resistor at CLPROG Pin to Set and Monitor
Input Current
Battery Charger/Ideal Diode/Controller:
■
13V Overvoltage Protection
■
Full Featured Battery Charger with 4.2V Float
■
Up to 1.25A Programmable Charge Current
■
Thermal Regulation Maximizes Charge Current
Without Risk of Overheating
■
Internal 2 Hour Termination Timer from Onset of
Voltage Mode Charging
■
Automatic Load Switchover to Battery Power with
Internal Ideal Diode and Drive Output for Optional
External MOSFET
■
NTC Thermistor Input
■
Bad Battery Time-Out Detection
■
4mm × 3mm 12-Lead DFN Package
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■
Automatic Battery Charging/Load Switchover
■
Backup Battery Charger
■
Uninterrupted Supplies
APPLICATIO S
2k
10
μF
LTC4067
OVI
OUT
OVP
1-CELL
Li-Ion
ILOAD
2k
IN
BAT
ILIM0
PROG
ILIM1
CLPROG
GND
WALL
OR
USB
10
μF
10nF
1
μF
4067 TA01
CHRG
ILIM0 ILIM1 IIN(MAX)
L
L
H
H
H
L
H
L
O (SUSPEND)
200V/RCLPROG
1000V/RCLPROG
FIXED (2A)
4067 TA01b
1ms/DIV
VOVP
5V/DIV
VOUT
5V/DIV
IIN
500mA/DIV
VOVI
5V/DIV
5V TO 12V
VBAT = 4.2V
OVP Response to Ramp Input at OVI


Similar Part No. - LTC4067

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
USB Power Manager with OVP and Li-Ion/Polymer Charger
More results

Similar Description - LTC4067

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Linear Technology
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com