Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 1 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC4099
1
4099f
n Media Players
n Portable Navigation Devices
n Smart Phones
n Industrial Handhelds
n Portable Medical Instruments
n Switching Regulator with Bat-TrackTM Adaptive Output
Control Makes Optimal Use of Limited Input Power
n I2C Port for Optimal System Performance and
Status Information
n Input Overvoltage Protection
n Bat-Track Control of External Step-Down Switching
Regulator Maximizes Efficiency from Automotive
and Other High Voltage Sources
n Instant-On Operation with Low Battery
n Optional Overtemperature Battery Conditioner
Improves High Temperature Battery Safety Margin
n Ideal Diode Seamlessly Connects Battery When Input
Power is Limited or Unavailable
n Full-Featured Li-Ion/Polymer Battery Charger
n 1.5A Maximum Charge Current with Thermal Limiting
n Slew Control Reduces Switching EMI
n Ultra-Thin (0.55mm) 20-Lead 3mm
× 4mm QFN
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
I2C Controlled
USB Power Manager/Charger
with Overvoltage Protection
The LTC®4099 is an I2C controlled high efficiency USB
PowerPath™ controller and full-featured Li-Ion/Polymer
battery charger. It seamlessly manages power distribution
from multiple sources including USB, a wall adapter and
a Li-Ion/Polymer battery.
The LTC4099 automatically limits its input current for
USB compatibility. For automotive and other high volt-
age applications, the LTC4099 interfaces with an external
switching regulator. Both the USB input and the auxiliary
input controller feature Bat-Track optimized charging to
provide maximum power to the application and reduced
heat in high power density applications.
The I2C port allows digital control of important application
parameters including input current limit, charge current
and float voltage. Several status bits can also be read back
via I2C.
An overvoltage protection circuit guards the LTC4099
from high voltage damage on the low voltage VBUS pin.
The LTC4099 is available in the ultra-thin (0.55mm) 20-lead
3mm
× 4mm QFN surface mount package.
I2C Controlled High Efficiency Battery Charger/
USB Power Manager
Reduced Power Dissipation
vs Linear Battery Charger
VBUS
USB
OVERVOLTAGE
PROTECTION
10μF
10μF
0.1μF
3.01k
1.02k
6.2k
TO μCONTROLLER
SYSTEM
LOAD
4099 TA01a
CLPROG PROG
LTC4099
GND
SW
3.3μH
NTC
OVSENS
I2C
OVGATE
VOUT
BAT
BATSENS
NTCBIAS
2
Li-Ion
100k
100k
T
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PowerPath and Bat-Track are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6522118, 6570372, 6700364, 6819094. Other patents pending.
LINEAR BATTERY
CHARGER
SWITCHING BATTERY
CHARGER
BATTERY VOLTAGE (V)
3.3
1.2
1.4
1.6
4
1.0
0.8
3.5
3.7
3.4
3.6
3.8
3.9
4.1
0.2
0
0.6
1.8
0.4
4099 TA01b
VIN = 5V
ICHARGE = 1A
ADDITIONAL POWER
AVAILABLE FOR CHARGING


Similar Part No. - LTC4099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099 LINER-LTC4099 Datasheet
391Kb / 52P
Dual-Input Power Manager
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
More results

Similar Description - LTC4099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com