Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 5 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC4099
5
4099f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ideal Diode
VFWD
Forward Voltage
IVOUT = 10mA
15
mV
RDROPOUT
Internal Diode On-Resistance, Dropout
IVOUT = 200mA
0.18
Ω
IMAX
Diode Current Limit
2
A
I2C Port
DVCC
I2C Logic Reference
1.6
5.5
V
IDVCCQ
DVCC Current
SCL/SDA = 0kHz
0.2
μA
VDVCC_UVLO
DVCC UVLO
1V
ADDRESS
I2C Address
0001001
R
W
⎡
⎣⎢
⎤
⎦⎥
VIRQ
IRQ Pin Output Low Voltage
IIRQ = 5mA
65
100
mV
IIRQ
IRQ Pin Leakage Current
VIRQ = 5V
0
1
μA
VIH, SDA, SCL
Input High Threshold
0.7 •
DVCC
V
VIL, SDA, SCL
Input Low Threshold
0.3 •
DVCC
V
IIH, SDA, SCL
Input Leakage High
SDA, SCL = DVCC
–1
1
μA
IIL, SDA, SCL
Input Leakage Low
SDA, SCL = 0V
–1
1
μA
VOL
Digital Output Low (SDA)
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD_SDA
Hold Time After (Repeated) Start Condi-
tion
0.6
μs
tSU_SDA
Repeated Start Condition Set-Up Time
0.6
μs
tSU_STO
Stop Condition Time
0.6
μs
tHD_DAT(OUT)
Data Hold Time
0
900
ns
tHD_DAT(IN)
Input Data Hold Time
0
ns
tSU_DAT
Data Set-Up Time
100
ns
tLOW
Clock Low Period
1.3
μs
tHIGH
Clock High Period
0.6
μs
tSP
Spike Suppression Time
50
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4099 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC4099 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Total input current is the sum of quiescent current, IVBUSQ, and
measured current given by:
VCLPROG /RCLPROG • (hCLPROG + 1)
Note 5: The PROG pin always represents actual charge current. See the
Full Capacity Charge Indication (C/x) section.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1.02k, RCLPROG = 3.01k, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com