Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 28Page - Linear Technology LTC4099 Datasheet HTML 29Page - Linear Technology LTC4099 Datasheet HTML 30Page - Linear Technology LTC4099 Datasheet HTML 31Page - Linear Technology LTC4099 Datasheet HTML 32Page - Linear Technology LTC4099 Datasheet HTML 33Page - Linear Technology LTC4099 Datasheet HTML 34Page - Linear Technology LTC4099 Datasheet HTML 35Page - Linear Technology LTC4099 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC4099
33
4099f
VBUS
VC WALL
ACPR
AUTOMOTIVE,
FIREWIRE, ETC.
USB
WALL ADAPTER
TO μC
TO μC
SYSTEM
LOAD
M3
C5
22μF
0805
C7
22μF
0805
C1
4.7μF
50V
C2
68nF
C4
22μF
C3
0.47μF
50V
C6
0.1μF
0603
R6
100k
R3
499k
R1
150k
4
2
3
7
19
7
9, 21
6
9
4
5
18
14
12
10
11
11
1
6
8
5
10
13
M1
R8
3.01k
R9
1.02k
M2
D1
L2
3.3μH
L1
10μH
4099 TA04
CLPROG
PROG
LTC4099
LT3480
GND
SW
BATSENS
OVGATE
OVSENS
I2C
IRQ
NTCBIAS
NTC
1
20
15-17
8
3
2
VOUT
IDGATE
BAT
Li-Ion
+
R7
100k
T
R2
40.2k
R4
100k
R5
6.2k
RT
VIN
RUN/SS
PG
GND
VC
BD
SYNC
SW
FB
BOOST
M1: NTLJS4114N
M2, M3: Si2333DS
3
USB/Automotive Switching Battery Charger
with 2A Support From Automotive Input
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com