Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 3 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC4099
3
4099f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
hCLPROG
(Note 4)
Ratio of Measured VBUS Current to
CLPROG Program Current
100mA Mode
500mA Mode
620mA Mode
790mA Mode
1A Mode
1.2A Mode
Low Power Suspend Mode
High Power Suspend Mode
220
1200
1540
1980
2420
3080
10.9
65
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
IVOUT
VOUT Current Available Before
Discharging Battery
100mA Mode, BAT = 3.3V
500mA Mode, BAT = 3.3V
620mA Mode, BAT = 3.3V
790mA Mode, BAT = 3.3V
1A Mode, BAT = 3.3V
1.2A Mode, BAT = 3.3V
Low Power Suspend Mode
High Power Suspend Mode
0.23
1.6
135
672
840
1080
1251
1550
0.30
2.16
0.41
2.46
mA
mA
mA
mA
mA
mA
mA
mA
VCLPROG
CLPROG Servo Voltage in Current Limit
Switching Modes
Suspend Modes
1.18
102
V
mV
VUVLO
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.90
4.30
4.00
4.35
V
V
VDUVLO
VBUS to BAT Differential Undervoltage
Lockout
VBUS–BAT Rising Threshold
VBUS–BAT Falling Threshold
200
50
mV
mV
VOUT
VOUT Voltage
Switching Modes, 0V < BAT ≤ 4.2V,
IVOUT = 0mA, Battery Charger Off
3.5
BAT + 0.3
4.7
V
USB Suspend Modes, IVOUT = 250μA
4.5
4.6
4.7
V
fOSC
Switching Frequency
1.96
2.25
2.65
MHz
RPMOS
PMOS On-Resistance
0.18
Ω
RNMOS
NMOS On-Resistance
0.30
Ω
IPEAK
Peak Inductor Current Clamp
500mA to 1.2A Input Limit Modes
3
A
RSUSP
Suspend LDO Output Resistance
16
Ω
Battery Charger
VFLOAT
BAT Regulated Output Voltage
4.200V Setting Selected by I2C
l
4.179
4.165
4.200
4.200
4.221
4.235
V
V
4.100V Default Setting
l
4.079
4.065
4.100
4.100
4.121
4.135
V
V
ICHG_RANGE
Constant-Current Mode Charge Current
Range
ILIM2/1/0 = 101, Selectable by I2C
500-1200
mA
ICHG500mA
Zero Scale Battery Charge Current
ILIM2/1/0 = 101, ICHARGE2/1/0 = 000
475
500
525
mA
ICHG1200mA
Full-Scale Battery Charge Current
ILIM2/1/0 = 101, ICHARGE2/1/0 = 111
1140
1200
1260
mA
ICHG_STEP
Charge Current I2C Step Size
ILIM2/1/0 = 101
100
mA
IBATQ
Battery Drain Current
VBUS > VUVLO, PowerPath Switching
Regulator On, Battery Charger Off,
IVOUT = 0μA
3.7
5
μA
VBUS = 0V, IVOUT = 0μA (Ideal Diode
Mode)
23
35
μA
VPROG,TRKL
PROG Pin Servo Voltage in Trickle Charge BAT < VTRKL
0.100
V
hPROG
Ratio of IBAT to PROG Pin Current
1030
mA/mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1.02k, RCLPROG = 3.01k, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com