Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 28Page - Linear Technology LTC4099 Datasheet HTML 29Page - Linear Technology LTC4099 Datasheet HTML 30Page - Linear Technology LTC4099 Datasheet HTML 31Page - Linear Technology LTC4099 Datasheet HTML 32Page - Linear Technology LTC4099 Datasheet HTML 33Page - Linear Technology LTC4099 Datasheet HTML 34Page - Linear Technology LTC4099 Datasheet HTML 35Page - Linear Technology LTC4099 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC4099
32
4099f
VBUS
OVGATE
WALL
ACPR
5V WALL ADAPTER
USB
TO μC
TO μC
SYSTEM
LOAD
M6
C2
22μF
0805
C1
2.2μF
0603
C4
22μF
0805
C3
0.1μF
0603
R4
100k
19
7
9, 21
6
1
5
18
14
12
10
11
13
D4
D3
D2
D1
R6
3.01k
R7
1.02k
R2
M5
L1
3.3μH
4099 TA03
CLPROG
PROG
LTC4099
GND
SW
BATSENS
OVSENSE
I2C
IRQ
NTCBIAS
NTC
20
15-17
8
3
2
VOUT
IDGATE
BAT
Li-Ion
+
M3
M4
R5
100k
T
R1
M1
M2
R3
6.2k
M1, M2, M5, M6: Si2333DS
M3, M4: NTLJS4114N
3
USB/Wall Adapter Battery Charger with Dual Overvoltage Protection,
Reverse-Voltage Protection and Low Battery Start-Up
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com