Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 4 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC4099
4
4099f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.7
2.85
3
V
ΔVTRKL
Trickle Charge Hysteresis Voltage
130
mV
VRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM_RANGE
Safety Timer Termination Period Range
Selectable by I2C, Timer Starts When
BAT = VFLOAT
1-8
Hour
tBADBAT
Bad Battery Termination Time
BAT < VTRKL
0.4
0.5
0.6
Hour
VC/x
Full Capacity Charge Indication PROG
Voltage (Note 5)
COVERX1/0 = 00
90
100
110
mV
COVERX1/0 = 01
40
50
60
mV
COVERX1/0 = 10
190
200
210
mV
COVERX1/0 = 11
490
500
510
mV
RON_CHG
Battery Charger Power FET
On-Resistance (Between VOUT and BAT)
IBAT = 200mA
0.18
Ω
TLIM
Junction Temperature in Constant-
Temperature Mode
Selectable by I2C
85, 105
°C
Bat-Track External Switching Regulator Control
VWALL
Absolute WALL Input Threshold
Rising Threshold
Falling Threshold
4.15
4.3
3.2
4.45
V
V
ΔVWALL
Differential WALL Input Threshold
WALL–BAT Rising Threshold
WALL–BAT Falling Threshold
0
90
37
50
mV
mV
VOUT
Regulation Target Under VC Control
3.5
BAT + 0.3
V
IWALLQ
WALL Quiescent Current
130
μA
RACPR
ACPR Pull-Down Strength
150
Ω
VHACPR
ACPR High Voltage
IACPR = 0mA
VOUT
V
VLACPR
ACPR Low Voltage
IACPR = 0mA
0
V
Overvoltage Protection
VOVCUTOFF
Overvoltage Protection Threshold
Rising Threshold, ROVSENS = 6.2k
6.10
6.35
6.70
V
VOVGATE
OVGATE Output Voltage
Input Below VOVCUTOFF
Input Above VOVCUTOFF
1.88 • VOVSENS
0
12
V
V
IOVSENSQ
OVSENS Quiescent Current
VOVSENS = 5V
40
μA
tRISE
OVGATE Time to Reach Regulation
COVGATE = 1nF
2.5
ms
Overtemperature Battery Conditioner
IDISCHARGE
Overtemperature Battery Discharge
Current
Only When Enabled via I2C Control
180
mA
VALLOW
Maximum Allowed Overtemperature
Battery Voltage
Only When Enabled via I2C Control
3.85
V
NTC
VTOO_COLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
72.3
73.8
3.6
75.3
%NTCBIAS
%NTCBIAS
VTOO_WARM
Hot Temperature Fault Threshold Voltage
Falling Threshold
Hysteresis
31.3
32.6
3.3
33.9
%NTCBIAS
%NTCBIAS
VOVERTEMP
Critically High Temperature Fault
Threshold Voltage
Falling Threshold
Hysteresis
21.9
22.8
50
23.7
%NTCBIAS
mV
INTC
NTC Leakage Current
NTC = NTCBIAS
–50
50
nA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1.02k, RCLPROG = 3.01k, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com